Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604APA Datasheet(PDF) 14 Page - Sames

Part # SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Datasheet(HTML) 14 Page - Sames

Back Button SA9604APA Datasheet HTML 10Page - Sames SA9604APA Datasheet HTML 11Page - Sames SA9604APA Datasheet HTML 12Page - Sames SA9604APA Datasheet HTML 13Page - Sames SA9604APA Datasheet HTML 14Page - Sames SA9604APA Datasheet HTML 15Page - Sames SA9604APA Datasheet HTML 16Page - Sames SA9604APA Datasheet HTML 17Page - Sames SA9604APA Datasheet HTML 18Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SA9604A
sames
14/20
Example:
V = 230V
I = 80A
Active Power
= 230V x 80A x (n/t)/640000
Reactive Power = 230V x 80A (n/t)/(640000 x 2)/Pi)
n
=
Difference in register values between successive reads (delta
value)
t
=
Time difference between successive reads (in seconds)
To calculate the measured voltage, the following formula is applied:
V
measured
=
V * n
940 000 * t
Where
V =
Rated Voltage
t
=
Time difference between successive reads
n =
Difference in register values between
successive reads
The Voltage calculated is the average voltage. The voltage measurement will give
an accuracy of better than 1% for a voltage range of 50% to 115% of the rated mains
voltage if the voltage is a pure sine wave.
The mains frequency may be calculated as follows:
Frequency
=
Crystal frequency
Register Value * 2
7.
Calibration
For accurate results we would recommend the following software calibration
procedure:
7.1 Active energy
Establish a calibration factor for active energy (Ka) at pf close to 1.
Active Measured = Active_Register_Value x Ka



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com