Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604APA Datasheet(PDF) 13 Page - Sames

Part # SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Datasheet(HTML) 13 Page - Sames

Back Button SA9604APA Datasheet HTML 9Page - Sames SA9604APA Datasheet HTML 10Page - Sames SA9604APA Datasheet HTML 11Page - Sames SA9604APA Datasheet HTML 12Page - Sames SA9604APA Datasheet HTML 13Page - Sames SA9604APA Datasheet HTML 14Page - Sames SA9604APA Datasheet HTML 15Page - Sames SA9604APA Datasheet HTML 16Page - Sames SA9604APA Datasheet HTML 17Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SA9604A
sames
13/20
period between reads). However this will not be true when a wrap around occurs as
the following example will demonstrate:
Previous register value
=
16744955
Present register value
=
16767215
Delta value
=
16767215 - 16744955 = 22260
After the next read the values are as follows:
Previous register value
=
16767215
Present register value
=
12260
Delta value
=
12260 - 16767215 = -16754955
Computing this delta value will result in incorrect readings, in other words a wrap
around has occurred. A typical function to check for wrap around condition would
be as follows:
Function Check (delta_value);
Begin
Temp_delta_value = abs(delta_value);
{get rid of the minus sign for example:
abs(-151) = 151}
if Temp_delta_value)> 8388607 then
begin
if (delta_value)>0 then result : = (16777216-delta_value) *-1
else result : = (16777216+delta_value);
end;
end; {end function}
At rated conditions, the time for wrap around is as follows:
18.6 seconds for voltage
13 seconds for active and 21 seconds for reactive
The active and reactive energy measured per count, may be calculated by applying
the following formula:
Energy per Count =
Watt seconds
Where
V
=
Rated Voltage
I
=
Current (I
max)
K
=
640 000
for Active Energy
for Reactive Energy
VI
K
640 000 * 2
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com