Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604APA Datasheet(PDF) 15 Page - Sames

Part # SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Datasheet(HTML) 15 Page - Sames

Back Button SA9604APA Datasheet HTML 11Page - Sames SA9604APA Datasheet HTML 12Page - Sames SA9604APA Datasheet HTML 13Page - Sames SA9604APA Datasheet HTML 14Page - Sames SA9604APA Datasheet HTML 15Page - Sames SA9604APA Datasheet HTML 16Page - Sames SA9604APA Datasheet HTML 17Page - Sames SA9604APA Datasheet HTML 18Page - Sames SA9604APA Datasheet HTML 19Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SA9604A
sames
15/20
7.2 Reactive Energy
With a pf close to 0 establish the phase error:
PhaseError = arctan (VARMeaured / ActiveMeasured)
For each measurement calculate the following:
VA
=
ActiveMeasured2 + VARmeasured2
PHIcalibrated =
arctan (VARmeasured / ActiveMeasured)
PHICorrected =
PHIcalibrated - PhaseError
VARtrue
=
VA * sin(PHICorrected)
TYPICAL APPLICATION
In the Application Circuit (Figure 1), the components required for a three phase energy
metering application are shown.
Terminated current sensors (current transformers) are connected to the current sensor
inputs of the SA9604A through current setting resistors (R
8 ..R13).
The resistor values for standard operation are selected for an input current of 16
µA
RMS
into the SA9604A, at the rated line current.
The values of these resistors are calculated as follows:
Phase 1:
R
8 = R9 = (IL1/16µARMS) * R18/2
Phase 2:
R
10 = R11 = (IL2/16µARMS) * R19/2
Phase 3:
R
12 = R13 = (IL3/16µARMS) * R20/2
Where I
LX
=
Secondary CT current at rated conditions.
R
18, R19 and R20
=
Current transformer termination resistors for the three phases.
R
1 + R1A, R4 and R15 set the current for the phase 1 voltage sense input.
R
2 + R2A, R5 +
P
5 and R16 set the current for phase 2 and R3 + R3A, R6 and R17 set the current for phase
3. The values should be selected so that the input currents into the voltage sense inputs
(virtual ground) are set to 14
µA
RMS for the rated line voltage condition. Capacitors C1, C2
and C3 are for decoupling and phase compensation.
R
14 defines all on-chip bias and reference currents. With R14 = 47kΩ, optimum conditions
are set. R
14 may be varied by up to ± 10% for calibration purposes. Any changes to R14
will affect the output quadratically (i.e:
∆R = +5%, ∆P = +10%).
XTAL is a colour burst TV crystal (f = 3.5795 MHz) for the oscillator. The oscillator
frequency is divided down to 1.78975 MHz on-chip, to supply the digital circuitry and the
A/D converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com