Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604APA Datasheet(PDF) 5 Page - Sames

Part # SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Datasheet(HTML) 5 Page - Sames

  SA9604APA Datasheet HTML 1Page - Sames SA9604APA Datasheet HTML 2Page - Sames SA9604APA Datasheet HTML 3Page - Sames SA9604APA Datasheet HTML 4Page - Sames SA9604APA Datasheet HTML 5Page - Sames SA9604APA Datasheet HTML 6Page - Sames SA9604APA Datasheet HTML 7Page - Sames SA9604APA Datasheet HTML 8Page - Sames SA9604APA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SA9604A
sames
5/20
1.
Power calulation
In the Application Circuit (Figure 1), the voltages from Line 1, Line 2 and Line 3, are
converted to currents and applied to the voltage sense inputs IVN1, IVN2 and IVN3.
The current levels on the voltage sense inputs are derived from the mains voltage
(3 x 230 V
AC) being divided down through voltage dividers to 14VRMS. The resulting
input currents into the A/D converters are 14µA
RMS through the resistors R15, R16 and
R
17.
For the current sense inputs, the voltages across the current transformers terminating
resistors are converted to currents of 16µA
RMS for rated conditions, by means of
resistors R
8, R9 (Phase 1); R10, R11 (Phase 2); and R 12, R13 (Phase 3).
The signals providing the current information are applied to the current sensor
inputs: IIN1; IIP1; IIN2; IIP2; IIN3; and IIP3.
2.
Analog Input Configuration
The input circuitry of the current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact copies of the input currents are generated for the
following analog signal processing circuitry.
IV P
DR -0 130 8
VOL T AGE
SE NS OR
IN PU T
SS
V
II N
II P
CU RR EN T
SE NS OR
IN PUT S
DD
V
SS
V
SS
V
DD
V
DD
V
GN D
A V
A I
3.
Electrostatic Discharge (ESD), Protection
The SA9604A Integrated Circuits inputs/outputs are protected against ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com