Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB8821 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KB8821
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8821 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KB8821 Datasheet HTML 2Page - Samsung semiconductor KB8821 Datasheet HTML 3Page - Samsung semiconductor KB8821 Datasheet HTML 4Page - Samsung semiconductor KB8821 Datasheet HTML 5Page - Samsung semiconductor KB8821 Datasheet HTML 6Page - Samsung semiconductor KB8821 Datasheet HTML 7Page - Samsung semiconductor KB8821 Datasheet HTML 8Page - Samsung semiconductor KB8821 Datasheet HTML 9Page - Samsung semiconductor KB8821 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
6
99-06-15
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC CHARACTERISTICS
** These devices are ESD sensitive. These devices must be handled in the ESD protected environment.
Characteristic
Symbol
Value
Unit
Power Supply Voltage
VDD
5.5
V
Power Dissipation
PD
600
mW
Operating Temperature
Ta
-40
°C ~ +85oC
°C
Storage Temperature
TSTG
-65
°C ~ +150oC
°C
Characteristic
Pin No.
ESD level
Unit
Human Body Model
All
< ±2000
V
Machine Model
All
< ±300
V
Charged Device Model
All
< ±800
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com