Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB8821 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # KB8821
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8821 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KB8821 Datasheet HTML 10Page - Samsung semiconductor KB8821 Datasheet HTML 11Page - Samsung semiconductor KB8821 Datasheet HTML 12Page - Samsung semiconductor KB8821 Datasheet HTML 13Page - Samsung semiconductor KB8821 Datasheet HTML 14Page - Samsung semiconductor KB8821 Datasheet HTML 15Page - Samsung semiconductor KB8821 Datasheet HTML 16Page - Samsung semiconductor KB8821 Datasheet HTML 17Page - Samsung semiconductor KB8821 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
14
99-06-15
FUNCTIONAL DESCRIPTION- Continued
♦ Phase Detector Polarity
Depending on VCO characteristics, R16 bit should be set
as follows :
VCO characteristics are positive like (1) : R16 HIGH
VCO characteristics are negative like (2) : R16 LOW
♦ foLD (Pin10) Output Truth Table
- When the PLL is locked and a lock detect mode is selected, the foLD output is HIGH, with narrow pulses
LOW.
- Counter Reset mode resets R & N counters.
- The high speed lock mode sets the foLD output pin to be connected to ground with a low impedance
(
≤110
Ω).
RF R19
(RF LD)
IF R19
(IF LD)
RF R20
(RF fo)
IF R20
(IF fo)
foLD Output State
0
0
0
0
Disabled (default LOW)
0
1
0
0
IF Lock Detect
1
0
0
0
RF Lock Detect
1
1
0
0
RF and IF Lock Detect
0
0
0
1
IF Reference Divider Output
0
0
1
0
RF Reference Divider Output
0
1
0
1
IF Programmable Divider Output
0
1
1
0
RF Programmable Divider Output
0
0
1
1
High Speed Lock mode
0
1
1
1
IF Counter Reset
1
0
1
1
RF Counter Reset
1
1
1
1
RF and IF Counter Reset
(1)
(2)
VCO Input Voltage
VCO Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com