Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB8821 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KB8821
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8821 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KB8821 Datasheet HTML 6Page - Samsung semiconductor KB8821 Datasheet HTML 7Page - Samsung semiconductor KB8821 Datasheet HTML 8Page - Samsung semiconductor KB8821 Datasheet HTML 9Page - Samsung semiconductor KB8821 Datasheet HTML 10Page - Samsung semiconductor KB8821 Datasheet HTML 11Page - Samsung semiconductor KB8821 Datasheet HTML 12Page - Samsung semiconductor KB8821 Datasheet HTML 13Page - Samsung semiconductor KB8821 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
10
99-06-15
FUNCTIONAL DESCRIPTION
The Samsung KB882x are dual PLL frequency synthesizer ICs. KB882x combined with external LPFs andexter-
nal VCOs form PLL frequency synthesizers. They include serial data control, R counter, N counter, prescaler,
phase detector, charge pump, and etc.(Figure 1).
Serial data is moved into 20-bit shift register on the rising edge of the clock(Figure 2). These data enters MSB
first. When LE becomes HIGH, data in the shift register is moved into one of the 4 latches(by the 2-bit control).
The divide ratios of the prescaler and the counters are determined by the data stored in the latches. The external
VCO output signal is divided by the prescaler and the N counter. External reference signal is divided by the R
counter. These two signals are the two input signals to the phase detector. The phase detector drives the charge
pump by comparing frequencies and phases of the above two signals.The charge pump and the external LPF
make the control voltage for the external VCO and finally the VCO generates the appropriate frequency signal.
Serial Data Input Timing
MSB
LSB
N20(R20)
N19(R19)
N10(R10)
N9(R9)
C2
C1
tDS
tCWL
tCWH
tLEW
tDH
DATA
CLOCK
LE
tCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com