Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB8821 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KB8821
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8821 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KB8821 Datasheet HTML 4Page - Samsung semiconductor KB8821 Datasheet HTML 5Page - Samsung semiconductor KB8821 Datasheet HTML 6Page - Samsung semiconductor KB8821 Datasheet HTML 7Page - Samsung semiconductor KB8821 Datasheet HTML 8Page - Samsung semiconductor KB8821 Datasheet HTML 9Page - Samsung semiconductor KB8821 Datasheet HTML 10Page - Samsung semiconductor KB8821 Datasheet HTML 11Page - Samsung semiconductor KB8821 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
8
99-06-15
ELECTRICAL CHARACTERISTICS(V
DD=3.0V, VP=3.0V, -40
οC≤T
a≤85
οC Unless otherwise specified)- Continued
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Charge Pump Outputs : CPoRF, CPoIF
Charge Pump Output Current
ICP-SRC
VCP=VP/2, ICPo=Low
-1.125
mA
ICP-SINK
VCP=VP/2, ICPo=Low
+1.125
ICP-SRC
VCP=VP/2, ICPo=High
-4.5
ICP-SINK
VCP=VP/2, ICPo=High
+4.5
Charge Pump Leakage Current
ICPL
0.5V
≤ V
CP ≤ VP-0.5V
-2.5
+2.5
nA
Output Current Sink vs. Source
Mismatch*
ICP-SINK
vs
ICP-SRC
VCP=VP/2
Ta=25
oC
3
10
%
Output Current Magnitude Variation
vs. Temperature**
ICP vs T
VCP=VP/2
10
%
Output Current Magnitude Variation
vs. Voltage***
ICP vs
VCP
0.5V
≤ V
CP ≤ VP-0.5V
Ta=25
oC
10
15
%
Programmable Divider
Operating
Frequency
KB8823
finRF
VDD=2.7V to 4.0V
0.5
2.5
GHz
KB8822
0.2
2.0
KB8821
0.1
1.2
Operating Frequency
finIF
VDD=3.0V
45
520
MHz
RF Input Sensitivity
PfinRF
VDD=3.0V
-15
0
dBm
VDD=4.0V
-10
0
IF Input Sensitivity
PfinIF
VDD=2.7V to 4.0V
-10
0
dBm
Phase Detector Frequency
fPD
10
MHz
Reference Divider
Operating Frequency
OSCin
5
40
MHz
Input Sensitivity
VOSCin
0.5
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com