Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB8821 Datasheet(PDF) 15 Page - Samsung semiconductor

Part # KB8821
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8821 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button KB8821 Datasheet HTML 11Page - Samsung semiconductor KB8821 Datasheet HTML 12Page - Samsung semiconductor KB8821 Datasheet HTML 13Page - Samsung semiconductor KB8821 Datasheet HTML 14Page - Samsung semiconductor KB8821 Datasheet HTML 15Page - Samsung semiconductor KB8821 Datasheet HTML 16Page - Samsung semiconductor KB8821 Datasheet HTML 17Page - Samsung semiconductor KB8821 Datasheet HTML 18Page - Samsung semiconductor KB8821 Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
15
99-06-15
FUNCTIONAL DESCRIPTION- Continued
♦ Powerdown mode operation
There are synchronous and asynchronous powerdown modes for KB8821/22/23.
Synchronous powerdown mode occurs if R18 bit is LOW, N20 bit is HIGH and charge pump output is in high
impedance state. In the synchronous power down mode, the powerdown function is activated by the charge
pump to diminish unwanted frequency jumps. Asynchronous powerdown mode occurs if R18 bit is HIGH and
N20 bit is HIGH.
When the PLL goes to either synchronous or asynchronous powerdown mode, preamp becomes debiased, R &
N counters keeps their load conditions and the charge pump becomes high impedance state. The oscillator cir-
cuitry function becomes disabled only when both IF and RF powerdown bits are activated, i.e. N20 HIGH.
The PLL returns to an active powerup mode when N20 bit becomes LOW(either in synchronous or asynchronous
modes).
Phase Detector and Charge pump Characteristics
Phase difference detection range : -2
π ~ +2π
When R16 = HIGH
R18
N20
Powerdown mode status
0
0
PLL active
1
0
PLL active, only charge pump high impedance
0
1
Synchronous powerdown
1
1
Asynchronous powerdown
fr
fp
LD
fr>fp
fr=fp
fr<fp
fr<fp
fr<fp
CPo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com