Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB8821 Datasheet(PDF) 20 Page - Samsung semiconductor

Part # KB8821
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8821 Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button KB8821 Datasheet HTML 13Page - Samsung semiconductor KB8821 Datasheet HTML 14Page - Samsung semiconductor KB8821 Datasheet HTML 15Page - Samsung semiconductor KB8821 Datasheet HTML 16Page - Samsung semiconductor KB8821 Datasheet HTML 17Page - Samsung semiconductor KB8821 Datasheet HTML 18Page - Samsung semiconductor KB8821 Datasheet HTML 19Page - Samsung semiconductor KB8821 Datasheet HTML 20Page - Samsung semiconductor KB8821 Datasheet HTML 21Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
TEL-97-D003
99-06-15
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
PIN DESCRIPTION(24-QFN)
Pin No
( 20-
TSSOP)
Pin No
(24QFN)
Symbol
I / O
Description
1
24
VDD1
-
Power supply voltage input for the RF PLL part. VDD1 must equal
VDD2. In order to reject supply noise, bypass capacitors must be
placed as close as possible to this pin and be connected directly to
the ground plane.
-
1
-
N/C
No connection.
2
2
Vp1
-
Power supply voltage input for RF charge pump(
≥ VDD1).
3
3
CPoRF
O
Internal RF charge pump output for connection to an external loop
filter whose filtered output drives an external VCO.
4
4
GND
-
Ground for RF digital blocks.
5
5
finRF
I
RF prescaler input. The signal comes from the external VCO.
6
6
finRF
I
The complementary input of the RF prescaler. A bypass capacitor
must be placed as close as possible to this pin and be connected
directly to the ground plane. The bypass capacitor is optional with
some loss of sensitivity.
7
7
GND
-
Ground for RF analog blocks.
8
8
OSCin
I
Reference counter input. TCXO is connected via a coupling
capacitor.
-
9
-
N/C
No connection.
9
10
GND
-
Ground for IF digital blocks.
10
11
foLD
O
Multiplexed output of the RF/IF programmable counters, the
reference counters, the lock detect signals and the shift registers.
The output level is CMOS level. (see fout Programmable Truth
Table)
11
12
CLOCK
I
CMOS clock input. Serial data for the various counters is transfered
into the 22-bit shift register on the rising edge of the clock signal.
-
13
-
N/C
No connection.
12
14
DATA
I
Binary serial data input. The MSB of CMOS input data is entered
first. The control bits are on the last two bits. CMOS input.
13
15
LE
I
Load enable CMOS input. When LE becomes high, the data in the
shift register is loaded into one of the four latches(by the control
bits).
14
16
GND
-
Ground for IF analog blocks.
15
17
finIF
I
The complementary input of the IF prescaler. A bypass capacitor
must be placed as close as possible to this pin and be connected
directly to the ground plane. The bypass capacitor is optional with
some loss of sensitivity.
16
18
finIF
I
IF prescaler input. The signal comes from the external VCO.
17
19
GND
-
Ground for IF digital blocks.
18
20
CPoIF
O
Internal IF charge pump output for connection to an external loop
filter whose filtered output drives an external VCO.
-
21
-
N/C
No connection.
19
22
Vp2
-
Power supply voltage input for IF charge pump(
≥ VDD2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com