Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8ACD-RK70 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 35Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 36Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 37Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 38Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 39Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 40Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 41Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 42Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Page 36
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
.
Figure 39: TPARM Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
TCDLY0
TCLS
TCAS
Read/write register.
Reset value is undefined.
TCAS1..0 - Specifies the tCAS-C core parameter in
tCYCLE units. This should be “10” (2•tCYCLE).
TCLS1..0 - Specifies the tCLS-C core parameter in
tCYCLE units. Should be “10” (2•tCYCLE).
TCDLY0 - Specifies the tCDLY0-C core parameter in
tCYCLE units. This adds a programmable delay to Q
(read data) packets, permitting round trip read delay to
all devices to be equalized. This field may be written
with the values “011” (3
•t
CYCLE) through “101”
(5
•t
CYCLE).
Control Register: TPARM
Address: 04816
The equations relating the core parameters to the
datasheet parameters follow:
tCAS-C = 2•tCYCLE
tCLS-C = 2•tCYCLE
tCPS-C = 1•tCYCLE
Not programmable
tOFFP = tCPS-C + tCAS-C + tCLS-C - 1•tCYCLE
= 4
•t
CYCLE
tRCD = tRCD-C + 1•tCYCLE - tCLS-C
= tRCD-C - 1•tCYCLE
tCAC = 3•tCYCLE + tCLS-C + tCDLY0-C + tCDLY1-C
(see table below for programming ranges)
011
011
101
100
TCDLY0
011
3•t CYCLE
3•t CYCLE
5•t CYCLE
4•t CYCLE
tCDLY0-C
3•t CYCLE
010
001
010
010
TCDLY1
000
2
•t
CYCLE
1
•t
CYCLE
2
•t
CYCLE
2
•t
CYCLE
tCDLY1-C
0
•t
CYCLE
10
•t
CYCLE
9
•t
CYCLE
12
•t
CYCLE
11
•t
CYCLE
tCAC
8
•t
CYCLE
Figure 40: TFRM Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
TFRM3..0
Read/write register.
Reset value is undefined.
TFRM3..0 - Specifies the position of the framing point
in tCYCLE units. This value must be greater than or
equal to the tFRM,MIN parameter. This is the minimum
offset between a ROW packet (which places a device at
ATTN) and the first COL packet (directed to that
device) which must be framed. This field may be
written with the values “0111” (7
•t
CYCLE) through
“1010” (10
•t
CYCLE). TFRM is usually set to the value
which matches the largest tRCD,MIN parameter (modulo
4
•t
CYCLE) that is present in an RDRAM in the memory
system. Thus, if an RDRAM with tRCD,MIN =
9
•t
CYCLE were present, then TFRM would be
programmed to 9
•t
CYCLE.
Control Register: TFRM
Address: 04916
Figure 41: TRDLY Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TCDLY1
Read/write register.
Reset value is undefined.
TCDLY1 - Specifies the value of the tCDLY1-C core
parameter in tCYCLE units. This adds a programmable
delay to Q (read data) packets, permitting round trip
read delay to all devices to be equalized. This field may
be written with the values “000” (0
•t
CYCLE) through
“010” (2
•t
CYCLE). Refer to Figure 39 for more details.
Control Register: TCDLY1
Address: 04a16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com