Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8ACD-RK70 Datasheet(PDF) 34 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 34 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 30Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 31Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 32Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 33Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 34Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 35Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 36Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 37Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 38Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Page 31
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
.
.
04516
NAPX
NAPXA
read-write, 5 bits
NAP exit. Specifies length of NAP exit phase A.
NAPX
read-write, 5 bits
NAP exit. Specifies length of NAP exit phase A + phase B.
DQS
read-write, 1 bits
DQ select. Selects CMD framing for NAP/PDN exit.
04616
PDNXA
PDNXA
read-write, 13 bits
PDN exit. Specifies length of PDN exit phase A.
04716
PDNX
PDNX
read-write, 13 bits
PDN exit. Specifies length of PDN exit phase A + phase B.
04816
TPARM
TCAS
read-write, 2 bits
tCAS-C core parameter. Determines tOFFP datasheet parameter.
TCLS
read-write, 2 bits
tCLS-C core parameter. Determines tCAC and tOFFP parameters.
TCDLY0
read-write, 3 bits
tCDLY0-C core parameter. Programmable delay for read data.
04916
TFRM
TFRM
read-write, 4 bits
tFRM-C core parameter. Determines ROW-COL packet framing interval.
04a16
TCDLY1
TCDLY1
read-write, 3 bits
tCDLY1-C core parameter. Programmable delay for read data.
04b16
SKIP
AS
read, 1 bit
Auto Skip value established by the SETF command.
MSE
read-write, 1 bit
Manual Skip Enable. Allows the MS value to override the AS value.
MS
read-write, 1 bit
Manual Skip value.
04c16
TCYCLE
TCYCLE
read-write, 14 bits
tCYCLE datasheet parameter. Specifies cycle time in 64ps units.
04d16
TEST77
TEST77
read-write, 16 bits
Test register. Write with zero after SIO reset.
04e16
TEST78
TEST78
read-write, 16 bits
Test register. Do not read or write after SIO reset.
04f16
TEST79
TEST79
read-write, 16 bits
Test register. Do not read or write after SIO reset.
08016 - 0ff16 reserved
reserved
vendor-specific
Vendor-specific test registers. Do not read or write after SIO reset.
Table 16: Control Register Summary
SA11..SA0
Register
Field
read-write/ read-only
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com