Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8ACD-RK70 Datasheet(PDF) 19 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 19 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 15Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 16Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 17Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 18Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 19Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 20Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 21Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 22Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 23Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Page 16
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
ROW-to-ROW Examples
Figure 10 shows examples of some of the ROW-to-ROW
packet spacings from Table 10. A complete sequence of acti-
vate and precharge commands is directed to a bank. The
RR8 and RR12 rules apply to this sequence. In addition to
satisfying the tRAS and tRP timing parameters, the separation
between ACT commands to the same bank must also satisfy
the tRC timing parameter (RR4).
When a bank is activated, it is necessary for adjacent banks
to remain precharged. As a result, the adjacent banks will
also satisfy parallel timing constraints; in the example, the
RR11 and RR3 rules are analogous to the RR12 and RR4
rules.
Figure 11 shows examples of the ACT-to-ACT (RR1, RR2)
and ACT-to-PRER (RR5, RR6) command spacings from
Table 10. In general, the commands in ROW packets may be
spaced an interval tPACKET apart unless they are directed to
the same or adjacent banks or unless they are a similar
command type (both PRER or both ACT) directed to the
same device.
Figure 10: Row Packet Example
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
ACT a0
PRER a1
tRAS
tRC
a0 = {Da,Ba,Ra}
a1 = {Da,Ba+1}
b0 = {Da,Ba+1,Rb}
Same Device
Adjacent Bank
RR7
tRP
Same Device
Adjacent Bank
RR11
ACT b0
b0 = {Da,Ba,Rb}
Same Device
Same Bank
RR12
b0 = {Da,Ba+1,Rb}
Same Device
Adjacent Bank
RR3
b0 = {Da,Ba,Rb}
Same Device
Same Bank
RR4
Figure 11: Row Packet Example
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
ACT a0
PRER b0
tPACKET
ACT c0
tRR
a0 = {Da,Ba,Ra}
b0 = {Db,Bb,Rb}
c0 = {Da,Bc,Rc}
Different Device
Any Bank
Same Device
Non-adjacent Bank
RR1
RR2
ACT a0
ACT a0
ACT b0
PRER c0
b0 = {Db,Bb,Rb}
c0 = {Da,Bc,Rc}
Different Device
Any Bank
Same Device
Non-adjacent Bank
RR5
RR6
ACT a0
tPACKET
tPACKET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com