Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8ACD-RK70 Datasheet(PDF) 40 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 40 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 36Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 37Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 38Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 39Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 40Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 41Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 42Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 43Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 44Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Page 37
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Figure 42: SKIP Register
Figure 43: TEST Registers
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AS MSE MS
Read/write register (except AS field).
Reset value is zero (SIO Reset).
AS - Autoskip. Read-only value determined by
autoskip circuit and stored when SETF serial command
is received by RDRAM during initialization. In figure
58, AS=1 corresponds to the early Q(a1) packet and
AS=0 to the Q(a1) packet one tCYCLE later for the four
uncertain cases.
MSE - Manual skip enable (0=auto, 1=manual).
MS - Manual skip (MS must be 1 when MSE=1).>
During initialization, the RDRAMs at the furthest point
in the fifth read domain may have selected the AS=0
value, placing them at the closest point in a sixth read
domain. Setting the MSE/MS fields to 1/1 overrides
the autoskip value and returns them to the furthest
point of the fifth read domain.
Control Register: SKIP
Address: 04b16
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Read/write registers.
Reset value of TEST78,79 is zero ( SIO Reset).
Do not read or write TEST78,79 after SIO reset.
TEST77 must be written with zero after SIO reset.
These registers must only be used for testing purposes.
Control Register: TEST77
Address: 04d16
Control Register: TEST78
Address: 04e16
Control Register: TEST79
Address: 04f16
Figure 44: TCYCLE Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
TCYCLE13..TCYCLE0
Read/write register.
Reset value is undefined
TCYCLE13..0 - Specifies the value of the tCYCLE
datasheet parameter in 64ps units. For the tCYCLE,MIN
of 2.5ns (2500ps), this field should be written with the
value “0002716” (39•64ps).
Control Register: TCYCLE
Address: 04c16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com