Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8ACD-RK70 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM416RD8ACD-RK70 Datasheet HTML 1Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 2Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 3Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 4Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 5Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 6Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 7Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 8Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Page 0
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
KM 4 XX XX XX X X - X X XX
1
2
3
4
5
6
7
8
SAMSUNG Memory
Device
Organization
Product
Speed
Package Type
Revision
Density
1. SAMSUNG Memory
2. Device
3. Organization
4. Product
6. Revision
7. Package Type
10. Speed
5. Density
9
9. tRAC(Row Access Time)
tRAC(Row Access Time)
8. Power & Refresh
10
Power & Refresh
ORDERING INFORMATION
- 4 : DRAM
- 16 : x16 bit
- 18 : x18 bit
- RD : Direct RAMBUS DRAM
- 2 : 2M
- 4 : 4M
- 8 : 8M
- 16 : 16M
- 32 : 32M
- Blank : 1st Gen.
- A
: 2nd Gen.
- C : u - BGA(Normal CSP)
- D : u - BGA(Mirrored CSP)
- Blank : Normal Power Self Refesh(32m/8K, 3.9us)
- L
: Low Power Self Refesh(32m/8K, 3.9us)
- R
: Normal Power Self Refesh(32m/16K, 1.9us)
- S
: Low Power Self Refesh(32m/16K, 1.9us)
- DS : for Daisy Chain Sample
- 60 : 600Mbps (300MHz)
- 70 : 711Mbps (356MHz)
- 80 : 800Mbps (400MHz)
- Blank : for Daisy Chain Sample
- G
: 53.3ns
- K
: 45ns
- M
: 40ns
- B~D, F, J, L, N~ : Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com