Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8ACD-RK70 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 21Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 22Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 23Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 24Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 25Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 26Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 27Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 28Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Page 22
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Write/Retire - Examples
The process of writing a dualoct into a sense amp of an
RDRAM bank occurs in two steps. The first step consists of
transporting the write command, write address, and write
data into the write buffer. The second step happens when the
RDRAM automatically retires the write buffer (with an
optional bytemask) into the sense amp. This two-step write
process reduces the natural turn-around delay due to the
internal bidirectional data pins.
Figure 17 (left) shows an example of this two step process.
The first COLC packet contains the WR command and an
address specifying device, bank and column. The write data
dualoct follows a time tCWD later. This information is loaded
into the write buffer of the specified device. The COLC
packet which follows a time tRTR later will retire the write
buffer. The retire will happen automatically unless (1) a
COLC packet is not framed (no COLC packet is present and
the S bit is zero), or (2) the COLC packet contains a RD
command to the same device. If the retire does not take place
at time tRTR after the original WR command, then the device
continues to frame COLC packets, looking for the first that
is not a RD directed to itself. A bytemask MSK(a1) may be
supplied in a COLM packet aligned with the COLC that
retires the write buffer at time tRTR after the WR command.
The memory controller must be aware of this two-step
write/retire process. Controller performance can be
improved, but only if the controller design accounts for
several side effects.
Figure 17 (right) shows the first of these side effects. The
first COLC packet has a WR command which loads the
address and data into the write buffer. The third COLC
causes an automatic retire of the write buffer to the sense
amp. The second and fourth COLC packets (which bracket
the retire packet) contain RD commands with the same
device, bank and column address as the original WR
command. In other words, the same dualoct address that is
written is read both before and after it is actually retired. The
first RD returns the old dualoct value from the sense amp
before it is overwritten. The second RD returns the new
dualoct value that was just written.
Figure 18 (left) shows the result of performing a RD
command to the same device in the same COLC packet slot
that would normally be used for the retire operation. The
read may be to any bank and column address; all that matters
is that it is to the same device as the WR command. The
retire operation and MSK(a1) will be delayed by a time
tPACKET as a result. If the RD command used the same bank
and column address as the WR command, the old data from
the sense amp would be returned. If many RD commands to
the same device were issued instead of the single one that is
shown, then the retire operation would be held off an arbi-
trarily long time. However, once a RD to another device or a
WR or NOCOP to any device is issued, the retire will take
place. Figure 18 (right) illustrates a situation in which the
controller wants to issue a WR-WR-RD COLC packet
sequence, with all commands addressed to the same device,
but addressed to any combination of banks and columns.
Figure 17: Normal Retire (left) and Retire/Read Ordering (right)
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17
T21
T18
T22
T19
T23
Transaction a: WR
a1= {Da,Ba,Ca1}
D (a1)
WR a1
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17
T21
T18
T22
T19
T23
Transaction a: WR
Transaction b: RD
a1= {Da,Ba,Ca1}
b1= {Da,Ba,Ca1}
retire (a1)
MSK (a1)
tRTR
tCWD
D (a1)
WR a1
retire (a1)
MSK (a1)
tRTR
RD b1
RD c1
Q (b1)
tCWD
Transaction c: RD
c1= {Da,Ba,Ca1}
tCAC
This RD gets the old data
This RD gets the new data
Retire is automatic here unless:
tCAC
(1) No COLC packet (S=0) or
(2) COLC packet is RD to device Da
Q (c1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com