Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 138Page - ATMEL Corporation AT90PWM3 Datasheet HTML 139Page - ATMEL Corporation AT90PWM3 Datasheet HTML 140Page - ATMEL Corporation AT90PWM3 Datasheet HTML 141Page - ATMEL Corporation AT90PWM3 Datasheet HTML 142Page - ATMEL Corporation AT90PWM3 Datasheet HTML 143Page - ATMEL Corporation AT90PWM3 Datasheet HTML 144Page - ATMEL Corporation AT90PWM3 Datasheet HTML 145Page - ATMEL Corporation AT90PWM3 Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 361 page
background image
142
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.7.2
Modes of Operation
16.7.2.1
Normal Mode
The simplest mode of operation is the normal mode. See Figure 16-6.
The active time of PSCOUTn0 is given by the OT0 value. The active time of PSCOUTn1 is given
by the OT1 value. Both of them are 12 bit values. Thanks to DT0 & DT1 to ajust the dead time
between PSCOUTn0 and PSCOUTn1 active signals.
The waveform frequency is defined by the following equation:
16.7.2.2
Enhanced Mode
The Enhanced Mode uses the previously described method to generate a high resolution
frequency.
Figure 16-13. Enhanced Mode, Timing Diagram
The supplementary step in counting to generate fb2 is added on the PSCn0 signal while needed
in the frame according to the fractional divider. SeeTable 16-5, “Distribution of fb2 in the modu-
lated frame,” on page 141
.
The waveform frequency is defined by the following equations:
d is the fractionel divider factor.
fPSCn
1
PSCnCycle
------------------------------
=
f
CLK_PSCn
OT0 OT1 DT0 DT1
++
+
()
----------------------------------------------------------------------
1
==
=
PSCOUTn0
T1
Period
PSCOUTn1
OT0
OT1
DT1
DT0
T2
OT0
OT1+1
DT1
DT0
DT0
f1PSCn
1
T
1
------
f
CLK_PSCn
OT0 OT1 DT0 DT1
++
+
()
----------------------------------------------------------------------
==
f2PSCn
1
T
2
------
f
CLK_PSCn
OT0 OT1 DT0 DT11
++
++
()
--------------------------------------------------------------------------------
==
fAVERAGE
d
16
------
f1PSCn
×
16
d
–
16
---------------
f2PSCn
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com