Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 146 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 142Page - ATMEL Corporation AT90PWM3 Datasheet HTML 143Page - ATMEL Corporation AT90PWM3 Datasheet HTML 144Page - ATMEL Corporation AT90PWM3 Datasheet HTML 145Page - ATMEL Corporation AT90PWM3 Datasheet HTML 146Page - ATMEL Corporation AT90PWM3 Datasheet HTML 147Page - ATMEL Corporation AT90PWM3 Datasheet HTML 148Page - ATMEL Corporation AT90PWM3 Datasheet HTML 149Page - ATMEL Corporation AT90PWM3 Datasheet HTML 150Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 361 page
background image
146
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 16-19. Burst Generation
16.8.4
PSC Input Configuration
The PSC Input Configuration is done by programming bits in configuration registers.
16.8.4.1
Filter Enable
If the “Filter Enable” bit is set, a digital filter of 4 cycles is inserted before evaluation of the signal.
The disable of this function is mainly needed for prescaled PSC clock sources, where the noise
cancellation gives too high latency.
Important: If the digital filter is active, the level sensitivity is true also with a disturbed PSC clock
to deactivate the outputs (emergency protection of external component). Likewise when used as
fault input, PSCn Input A or Input B have to go through PSC to act on PSCOUTn0/1/2/3 output.
This way needs that CLKPSC is running. So thanks to PSC Asynchronous Output Control bit
(PAOCnA/B), PSCnIN0/1 input can desactivate directly the PSC output. Notice that in this case,
input is still taken into account as usually by Input Module System as soon as CLKPSC is running.
PSC Input Filterring
16.8.4.2
Signal Polarity
One can select the active edge (edge modes) or the active level (level modes) See PELEVnx bit
description in Section “PSC n Input A Control Register – PFRCnA”, page 16716.25.14.
OFF
PSCOUTn0
PSCOUTn1
PSCn Input A
(high level)
PSCn Input A
(low level)
BURST
Digital
Filter
4 x CLK
PSC Input
Module X
Ouput
Stage
PSCOUTnX
PIN
PSCn Input A or B
CLKPSC
PSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com