Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 170 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 170 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 166Page - ATMEL Corporation AT90PWM3 Datasheet HTML 167Page - ATMEL Corporation AT90PWM3 Datasheet HTML 168Page - ATMEL Corporation AT90PWM3 Datasheet HTML 169Page - ATMEL Corporation AT90PWM3 Datasheet HTML 170Page - ATMEL Corporation AT90PWM3 Datasheet HTML 171Page - ATMEL Corporation AT90PWM3 Datasheet HTML 172Page - ATMEL Corporation AT90PWM3 Datasheet HTML 173Page - ATMEL Corporation AT90PWM3 Datasheet HTML 174Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 361 page
background image
170
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.26 PSC2 Specific Register
16.26.1
PSC 2 Output Matrix – POM2
• Bit 7 – POMV2B3: Output Matrix Output B Ramp 3
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 3
• Bit 6 – POMV2B2: Output Matrix Output B Ramp 2
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 2
• Bit 5 – POMV2B1: Output Matrix Output B Ramp 1
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 1
• Bit 4 – POMV2B0: Output Matrix Output B Ramp 0
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 0
• Bit 3 – POMV2A3: Output Matrix Output A Ramp 3
This bit gives the state of the PSCOUT20 (and/or PSCOUT22) during ramp 3
• Bit 2 – POMV2A2: Output Matrix Output A Ramp 2
This bit gives the state of the PSCOUT20 (and/or PSCOUT22) during ramp 2
• Bit 1 – POMV2A1: Output Matrix Output A Ramp 1
This bit gives the state of the PSCOUT20 (and/or PSCOUT22) during ramp 1
• Bit 0 – POMV2A0: Output Matrix Output A Ramp 0
This bit gives the state of the PSCOUT20 (and/or PSCOUT22) during ramp 0
16.26.2
PSC0 Interrupt Mask Register – PIM0
16.26.3
PSC1 Interrupt Mask Register – PIM1
Bit
7
654
3
2
1
0
POMV2B3
POMV2B2
POMV2B1
POMV2B0
POMV2A3
POMV2A2
POMV2A1
POMV2A0
POM2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
-
-
PSEIE0
PEVE0B
PEVE0A
-
-
PEOPE0
PIM0
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
-
-
PSEIE1
PEVE1B
PEVE1A
-
-
PEOPE1
PIM1
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com