Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 171 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 167Page - ATMEL Corporation AT90PWM3 Datasheet HTML 168Page - ATMEL Corporation AT90PWM3 Datasheet HTML 169Page - ATMEL Corporation AT90PWM3 Datasheet HTML 170Page - ATMEL Corporation AT90PWM3 Datasheet HTML 171Page - ATMEL Corporation AT90PWM3 Datasheet HTML 172Page - ATMEL Corporation AT90PWM3 Datasheet HTML 173Page - ATMEL Corporation AT90PWM3 Datasheet HTML 174Page - ATMEL Corporation AT90PWM3 Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 361 page
background image
171
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.26.4
PSC2 Interrupt Mask Register – PIM2
• Bit 5 – PSEIEn : PSC n Synchro Error Interrupt Enable
When this bit is set, the PSEIn bit (if set) generate an interrupt.
• Bit 4 – PEVEnB : PSC n External Event B Interrupt Enable
When this bit is set, an external event which can generates a capture from Retrigger/Fault block
B generates also an interrupt.
• Bit 3 – PEVEnA : PSC n External Event A Interrupt Enable
When this bit is set, an external event which can generates a capture from Retrigger/Fault block
A generates also an interrupt.
• Bit 0 – PEOPEn : PSC n End Of Cycle Interrupt Enable
When this bit is set, an interrupt is generated when PSC reaches the end of the whole cycle.
16.26.5
PSC0 Interrupt Flag Register – PIFR0
16.26.6
PSC1 Interrupt Flag Register – PIFR1
16.26.7
PSC2 Interrupt Flag Register – PIFR2
• Bit 7 – POACnB : PSC n Output B Activity (not implemented on AT90PWM2/3)
This bit is set by hardware each time the output PSCOUTn1 changes from 0 to 1 or from 1 to 0.
Must be cleared by software by writing a one to its location.
This feature is useful to detect that a PSC output doesn’t change due to a freezen external input
signal.
• Bit 6 – POACnA : PSC n Output A Activity (not implemented on AT90PWM2/3)
This bit is set by hardware each time the output PSCOUTn0 changes from 0 to 1 or from 1 to 0.
Must be cleared by software by writing a one to its location.
Bit
7
654
3
2
1
0
-
-
PSEIE2
PEVE2B
PEVE2A
-
-
PEOPE2
PIM2
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
POAC0B
POAC0A
PSEI0
PEV0B
PEV0A
PRN01
PRN00
PEOP2
PIFR0
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
POAC1B
POAC1A
PSEI1
PEV1B
PEV1A
PRN11
PRN10
PEOP1
PIFR1
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
POAC2B
POAC2A
PSEI2
PEV2B
PEV2A
PRN21
PRN20
PEOP2
PIFR2
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com