Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 211 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 207Page - ATMEL Corporation AT90PWM3 Datasheet HTML 208Page - ATMEL Corporation AT90PWM3 Datasheet HTML 209Page - ATMEL Corporation AT90PWM3 Datasheet HTML 210Page - ATMEL Corporation AT90PWM3 Datasheet HTML 211Page - ATMEL Corporation AT90PWM3 Datasheet HTML 212Page - ATMEL Corporation AT90PWM3 Datasheet HTML 213Page - ATMEL Corporation AT90PWM3 Datasheet HTML 214Page - ATMEL Corporation AT90PWM3 Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 361 page
background image
211
4317J–AVR–08/10
AT90PWM2/3/2B/3B
•
Asynchonous frames
–
Standard bit level encoded
–
Manchester bit encoded
•
Synchronous frames
–
In this mode only the Standard bit level encoded is available
19.3
Serial Frames
A serial frame is defined to be one character of data bits with synchronization bits (start and stop
bits), and optionally a parity bit for error checking.
19.3.1
Frame Formats
The EUSART allows to receive and transmit serial frame with the following format:
•
1 start bit
•
5, 6, 7, 8, 9, 13, 14,15,16,17 data bits
•
data bits and start bit level encoded or Manchester encoded
•
data transmition MSB or LSB first (bit ordering)
•
no, even or odd parity bit
•
1 or 2 stop bits:
–
Stop bits insertion for transmition
–
Stop bits value read access in reception
PARITY
GENERATOR
UBRR[H:L]
UDR
(Transmit)
EUDR
(Transmit)
UDR
(Receive)
EUDR
(Receive)
UCSRA
UCSRB
UCSRC
EUCSRA
EUCSRB
EUCSRC
BAUD RATE GENERATOR
TRANSMIT SHIFT REGISTER
RECEIVE SHIFT REGISTER
RxD
TxD
PIN
CONTROL
PIN
CONTROL
XCK
DATA
RECOVERY
CLOCK
RECOVERY
PIN
CONTROL
TX
CONTROL
RX
CONTROL
PARITY
CHECKER
MANCHESTER
ENCODER
CLKio
SYNC LOGIC
Clock Generator
Transmitter
Receiver
MANCHESTER
DECODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com