Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 214 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 214 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 210Page - ATMEL Corporation AT90PWM3 Datasheet HTML 211Page - ATMEL Corporation AT90PWM3 Datasheet HTML 212Page - ATMEL Corporation AT90PWM3 Datasheet HTML 213Page - ATMEL Corporation AT90PWM3 Datasheet HTML 214Page - ATMEL Corporation AT90PWM3 Datasheet HTML 215Page - ATMEL Corporation AT90PWM3 Datasheet HTML 216Page - ATMEL Corporation AT90PWM3 Datasheet HTML 217Page - ATMEL Corporation AT90PWM3 Datasheet HTML 218Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 361 page
background image
214
4317J–AVR–08/10
AT90PWM2/3/2B/3B
The maximum counter value is given by the following formula:
MUBRR[H:L]=F
CLKIO / (baud rate frequency)
MBURR[H:L] is used to calibrate the detect window of the start bit and to detect time overflow of
the other bits.
19.3.4
Double Speed Operation (U2X)
Double Speed Operation is controlled by U2X bit in UCSRA. See “Double Speed Operation
(U2X)” on page 186.
This mode of operation is not allowed in manchester bit coding.
Each ‘bit time’ in the Manchester serial frame is divided into two phases (See Figure 19-4). The
counter counts during the first phase and counts down during the second one. When the data bit
transition is detected, the counter memorises the N1 counter value and start counting down.
When the counter reaches the zero value, it starts counting up again and the N1/2 value allows
to open the next detection window. This detection window defines the time zone where the next
data bit edge is sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com