Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 217 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 217 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 213Page - ATMEL Corporation AT90PWM3 Datasheet HTML 214Page - ATMEL Corporation AT90PWM3 Datasheet HTML 215Page - ATMEL Corporation AT90PWM3 Datasheet HTML 216Page - ATMEL Corporation AT90PWM3 Datasheet HTML 217Page - ATMEL Corporation AT90PWM3 Datasheet HTML 218Page - ATMEL Corporation AT90PWM3 Datasheet HTML 219Page - ATMEL Corporation AT90PWM3 Datasheet HTML 220Page - ATMEL Corporation AT90PWM3 Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 361 page
background image
217
4317J–AVR–08/10
AT90PWM2/3/2B/3B
19.4
Configuring the EUSART
19.4.1
Data Transmission – EUSART Transmitter
The EUSART Transmitter is enabled in the same way as standard USART, by setting the Trans-
mit Enable (TXEN) bit in the UCSRB Register. When the Transmitter is enabled, the normal port
operation of the TxDn pin is overridden by the EUSART and given the function as the Transmit-
ter’s serial output. The baud rate, mode of operation and frame format must be set up once
before doing any transmissions. If synchronous operation is used, the clock on the XCK pin will
be overridden and used as transmission clock.
19.4.2
Sending Frames with 5 to 8 Data Bit
In this mode the behavior is the same as the standard USART (See “Sending Frames with 5 to 8
Data Bit” in USART section).
19.4.3
Sending Frames with 9, 13, 14, 15 or 16 Data Bit
In these configurations the most significant bits (9, 13, 14, 15 or 16) should be loaded in the
EUDR register before the low byte of the character is written to UDR. The write operation in the
UDR register allows to start the transmission.
Note:
The example code assumes that the part specific header file is included.
For I/O Registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI”
instructions must be replaced with instructions that allow access to extended I/O. Typically “LDS”
and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”.
TABLE 2.
Assembly Code Example
(1)
EUSART_Transmit:
; Wait for empty transmit buffer
sbis
UCSRA,UDRE
rjmp
EUSART_Transmit
; Put LSB data (r16) and MSN data (r15) into buffer, sends the data
sts
EUDR,r15
sts
UDR,r16
ret
C Code Example(1)
void
EUSART_Transmit( unsigned int data )
{
/* Wait for empty transmit buffer */
while
( !( UCSRA & (1<<UDRE))) )
/* Put data into buffer, sends the data */
EUDR = data>>8;
UDR = data;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com