Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 220 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 216Page - ATMEL Corporation AT90PWM3 Datasheet HTML 217Page - ATMEL Corporation AT90PWM3 Datasheet HTML 218Page - ATMEL Corporation AT90PWM3 Datasheet HTML 219Page - ATMEL Corporation AT90PWM3 Datasheet HTML 220Page - ATMEL Corporation AT90PWM3 Datasheet HTML 221Page - ATMEL Corporation AT90PWM3 Datasheet HTML 222Page - ATMEL Corporation AT90PWM3 Datasheet HTML 223Page - ATMEL Corporation AT90PWM3 Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 361 page
background image
220
4317J–AVR–08/10
AT90PWM2/3/2B/3B
All the receiver error flags are valid only when the RxC bit is set and until the UDR register is
read.
19.5.5.1
Parity Checker
The parity checker of the EUSART is available only when data bits are level encoded and
behaves as is USART mode (See Parity checker of the USART).
19.5.5.2
OverRun
The Data OverRun (DOR bit of USCRA) flag indicates data loss due to a receiver buffer full con-
dition. This flag operates as in USART mode (See USART section).
19.6
EUSART Registers Description
19.6.1
USART I/O Data Register – UDR
• Bit 7:0 – RxB7:0: Receive Data Buffer (read access)
• Bit 7:0 – TxB7:0: Transmit Data Buffer (write access)
This register is common to the USART and EUSART interfaces for Transmit Data Buffer Regis-
ter and Receive Data Buffer Register. See description for UDR register in USART.
19.6.2
EUSART I/O Data Register – EUDR
• Bit 7:0 – RxB15:8: Receive Data Buffer (read access)
• Bit 7:0 – TxB15:8: Transmit Data Buffer (write access)
This register provide an extension to the UDR register when EUSART is used with more than 8
bits.
19.6.2.1
UDR/EUDR data access with character size up to 8 bits
When the EUSART is used with 8 or less bits, only the UDR register is used for dta access.
19.6.2.2
UDR/EUDR data access with 9 bits per character
When the EUSART is used with 9 bits character, the behavior is different of the standart USART
mode, the UDR register is used in combinaison with the first bit of EUDR (EUDR:0) for data
access, the RxB8/TxB8 bit is not used.
Bit
765
43
21
0
RXB[7:0]
UDR (Read)
TXB[7:0]
UDR (Write)
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
00
00
0
Bit
765
43
21
0
RXB[15:8]
EUDR (Read)
TXB[15:8]
EUDR (Write)
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
00
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com