Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 219 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 219 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 215Page - ATMEL Corporation AT90PWM3 Datasheet HTML 216Page - ATMEL Corporation AT90PWM3 Datasheet HTML 217Page - ATMEL Corporation AT90PWM3 Datasheet HTML 218Page - ATMEL Corporation AT90PWM3 Datasheet HTML 219Page - ATMEL Corporation AT90PWM3 Datasheet HTML 220Page - ATMEL Corporation AT90PWM3 Datasheet HTML 221Page - ATMEL Corporation AT90PWM3 Datasheet HTML 222Page - ATMEL Corporation AT90PWM3 Datasheet HTML 223Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 361 page
background image
219
4317J–AVR–08/10
AT90PWM2/3/2B/3B
The following code example shows a simple EUSART receive function.
Note:
The example code assumes that the part specific header file is included.
For I/O Registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI”
instructions must be replaced with instructions that allow access to extended I/O. Typically “LDS”
and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”.
19.5.3
Receiving 17 Data Bit Frames
In this configuration the seventeenth bit shoud be read from the RXB8 bit register, the rest of the
most significant bits (9, 10, 11, 12, 13, 14, 15 and 16) should be read from the EUDR register,
before the low byte of the character is read from UDR.
19.5.4
Receive Complete Flag and Interrupt
The EUSART Receiver has the same USART flag that indicates the Receiver state.
See “Receive Complete Flag and Interrupt” in USART section.
19.5.5
Receiver Error Flags
When the EUSART is not configured in Manchester mode, the EUSART has the three same
errors flags as standard mode: Frame Error (FE), Data OverRun (DOR) and Parity Error (UPE).
All can be accessed by reading UCSRA. (See “Receiver Error Flags” in USART section).
When the EUSART is configured in Machester mode, the EUSART has two errors flags: Data
OverRun (DOR), and Manchester framing error (FEM bit of EUCSRC).
TABLE 3.
Assembly Code Example(1)
EUSART_Receive:
; Wait for data to be received
sbis
UCSRA, RXC
rjmp
EUSART_Receive
; Get MSB (r15), LSB (r16)
lds
r15, EUDR
lds
r16, UDR
ret
C Code Example
(1)
unsigned int
EUSART_Receive( void )
{
unsigneg int rx_data
/* Wait for data to be received */
while
( !(UCSRA & (1<<RXC)) )
;
/* Get and return received data from buffer */
rx_data=EUDR;
rx_data=rx_data<<8+UDR;
return
rx_data;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com