Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 225 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 221Page - ATMEL Corporation AT90PWM3 Datasheet HTML 222Page - ATMEL Corporation AT90PWM3 Datasheet HTML 223Page - ATMEL Corporation AT90PWM3 Datasheet HTML 224Page - ATMEL Corporation AT90PWM3 Datasheet HTML 225Page - ATMEL Corporation AT90PWM3 Datasheet HTML 226Page - ATMEL Corporation AT90PWM3 Datasheet HTML 227Page - ATMEL Corporation AT90PWM3 Datasheet HTML 228Page - ATMEL Corporation AT90PWM3 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 361 page
background image
225
4317J–AVR–08/10
AT90PWM2/3/2B/3B
19.6.6
Manchester receiver Baud Rate Registers – MUBRRL and MUBRRH
• Bit 15:0 – MUBRR15:0: Manchester Receiver Baud Rate Register
This is a 16-bit register which contains the maximum value for the Machester receiver counter.
The MUBRRH contains the eight most significant bits, and the MUBRRL contains the eight least
significant bits. Ongoing transmissions by the Receiver will be corrupted if the baud rate is
changed.
MUBRR[H:L]=F
CLKIO / (baud rate frequency)
Bit
15
14
13121110
9
8
MUBRR[15:8]
MUBRRH
MUBRR[7:0]
MUBRRL
76543210
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
00000000
Table 19-5.
Examples of MUBRR Settings for Commonly Frequencies
Baud
Rate
(bps)
fclk
io =
1
MHz
fclk
io =
1.8432
MHz
fclk
io =
2.0000
MHz
fclk
io =
4.0000
MHz
fclk
io =
8.0000
MHz
fclk
io =
11.0592
MHz
fclk
io =
16.000
MHz
1200
833
1536
1667
3333
6667
9216
13333
2400
417
768
833
1667
3333
4608
6667
4800
208
384
417
833
1667
2304
3333
9600
104
192
208
417
833
1152
1667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com