Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 229 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 225Page - ATMEL Corporation AT90PWM3 Datasheet HTML 226Page - ATMEL Corporation AT90PWM3 Datasheet HTML 227Page - ATMEL Corporation AT90PWM3 Datasheet HTML 228Page - ATMEL Corporation AT90PWM3 Datasheet HTML 229Page - ATMEL Corporation AT90PWM3 Datasheet HTML 230Page - ATMEL Corporation AT90PWM3 Datasheet HTML 231Page - ATMEL Corporation AT90PWM3 Datasheet HTML 232Page - ATMEL Corporation AT90PWM3 Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 361 page
background image
229
4317J–AVR–08/10
AT90PWM2/3/2B/3B
These 2 bits determine the sensitivity of the interrupt trigger.
The different setting are shown in Table 20-1.
• Bit 3– AC1ICE: Analog Comparator 1 Interrupt Capture Enable bit
Set this bit to enable the input capture of the Timer/Counter1 on the analog comparator event.
The comparator output is in this case directly connected to the input capture front-end logic,
making the comparator utilize the noise canceler and edge select features of the
Timer/Counter1 Input Capture interrupt. To make the comparator trigger the Timer/Counter1
Input Capture interrupt, the ICIE1 bit in the Timer Interrupt Mask Register (TIMSK1) must be set.
In case ICES1 bit (“Timer/Counter1 Control Register B – TCCR1B” on page 125) is set high, the
rising edge of AC1O is the capture/trigger event of the Timer/Counter1, in case ICES1 is set to
zero, it is the falling edge which is taken into account.
Clear this bit to disable this function. In this case, no connection between the Analog Compara-
tor and the input capture function exists.
• Bit 2, 1, 0– AC1M2, AC1M1, AC1M0: Analog Comparator 1 Multiplexer register
These 3 bits determine the input of the negative input of the analog comparator.
The different setting are shown in Table 20-4.
20.2.3
Analog Comparator 2 Control Register – AC2CON
• Bit 7– AC2EN: Analog Comparator 2 Enable Bit
Set this bit to enable the analog comparator 2.
Clear this bit to disable the analog comparator 2.
Table 20-3.
Interrupt sensitivity selection
AC1IS1
AC1IS0
Description
0
0
Comparator Interrupt on output toggle
01
Reserved
1
0
Comparator interrupt on output falling edge
1
1
Comparator interrupt on output rising edge
Table 20-4.
Analog Comparator 1 negative input selection
AC1M2
AC1M1
AC1M0
Description
000“Vref”/6.40
001“Vref”/3.20
010“Vref”/2.13
011“Vref”/1.60
100Analog Comparator Negative Input (ACMPM pin)
101DAC result
110Reserved
111Reserved
Bit
7
654
3
2
1
0
AC2EN
AC2IE
AC2IS1
AC2IS0
AC2M2
AC2M1
AC2M0
AC2CON
Read/Write
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com