Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 231 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 231 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 227Page - ATMEL Corporation AT90PWM3 Datasheet HTML 228Page - ATMEL Corporation AT90PWM3 Datasheet HTML 229Page - ATMEL Corporation AT90PWM3 Datasheet HTML 230Page - ATMEL Corporation AT90PWM3 Datasheet HTML 231Page - ATMEL Corporation AT90PWM3 Datasheet HTML 232Page - ATMEL Corporation AT90PWM3 Datasheet HTML 233Page - ATMEL Corporation AT90PWM3 Datasheet HTML 234Page - ATMEL Corporation AT90PWM3 Datasheet HTML 235Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 361 page
background image
231
4317J–AVR–08/10
AT90PWM2/3/2B/3B
AC2IE in AC2CON register is set. Anyway, this bit is cleared by writing a logical one on it.
This bit can also be used to synchronize ADC or DAC conversions.
• Bit 5– AC1IF: Analog Comparator 1 Interrupt Flag Bit
This bit is set by hardware when comparator 1 output event triggers off the interrupt mode
defined by AC1IS1 and AC1IS0 bits in AC1CON register.
This bit is cleared by hardware when the corresponding interrupt vector is executed in case the
AC1IE in AC1CON register is set. Anyway, this bit is cleared by writing a logical one on it.
This bit can also be used to synchronize ADC or DAC conversions.
• Bit 5– AC0IF: Analog Comparator 0 Interrupt Flag Bit
This bit is set by hardware when comparator 0 output event triggers off the interrupt mode
defined by AC0IS1 and AC0IS0 bits in AC0CON register.
This bit is cleared by hardware when the corresponding interrupt vector is executed in case the
AC0IE in AC0CON register is set. Anyway, this bit is cleared by writing a logical one on it.
This bit can also be used to synchronize ADC or DAC conversions.
• Bit 2– AC2O: Analog Comparator 2 Output Bit
AC2O bit is directly the output of the Analog comparator 2.
Set when the output of the comparator is high.
Cleared when the output comparator is low.
• Bit 1– AC1O: Analog Comparator 1 Output Bit
AC1O bit is directly the output of the Analog comparator 1.
Set when the output of the comparator is high.
Cleared when the output comparator is low.
• Bit 0– AC0O: Analog Comparator 0 Output Bit
AC0O bit is directly the output of the Analog comparator 0.
Set when the output of the comparator is high.
Cleared when the output comparator is low.
20.2.5
Digital Input Disable Register 0 – DIDR0
• Bit 3:2 – ACMPM and ACMP2D: ACMPM and ACMP2 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding Analog pin is dis-
abled. The corresponding PIN Register bit will always read as zero when this bit is set. When an
analog signal is applied to one of these pins and the digital input from this pin is not needed, this
bit should be written logic one to reduce power consumption in the digital input buffer.
20.2.6
Digital Input Disable Register 1– DIDR1
• Bit 5, 2: ACMP0D and ACMP1 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding analog pin is dis-
abled. The corresponding PIN Register bit will always read as zero when this bit is set. When an
Bit
76543210
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ACMPM
ADC2D
ACMP2D
ADC1D
ADC0D
DIDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
-
-ACMP0D
AMP0PD
AMP0ND
ADC10D
ACMP1D
ADC9D
AMP1PD
ADC8D
AMP1ND
DIDR1
Read/Write
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com