Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 312 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 312 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 308Page - ATMEL Corporation AT90PWM3 Datasheet HTML 309Page - ATMEL Corporation AT90PWM3 Datasheet HTML 310Page - ATMEL Corporation AT90PWM3 Datasheet HTML 311Page - ATMEL Corporation AT90PWM3 Datasheet HTML 312Page - ATMEL Corporation AT90PWM3 Datasheet HTML 313Page - ATMEL Corporation AT90PWM3 Datasheet HTML 314Page - ATMEL Corporation AT90PWM3 Datasheet HTML 315Page - ATMEL Corporation AT90PWM3 Datasheet HTML 316Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 361 page
background image
312
4317J–AVR–08/10
AT90PWM2/3/2B/3B
27.2
Idle Supply Current
Figure 27-5. Idle Supply Current vs. Frequency (0.1 - 1.0 MHz)
Figure 27-6. Idle Supply Current vs. Frequency (1 - 24 MHz)
IDLE SUPPLY CURRENT vs. LOW FREQUENCY
5.5 V
5.0 V
4.5 V
4.0 V
3.3 V
3.0 V
2.7 V
0
0,05
0,1
0,15
0,2
0,25
0,3
0,35
0,4
0,45
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
Frequency (MHz)
IDLE SUPPLY CURRENT vs. FREQUENCY
5.5 V
5.0 V
4.5 V
4.0 V
3.3 V
3.0 V
2.7 V
0
2
4
6
8
10
12
-1
1
3
5
7
9
11
1315171921
2325
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com