Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 315 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 315 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 311Page - ATMEL Corporation AT90PWM3 Datasheet HTML 312Page - ATMEL Corporation AT90PWM3 Datasheet HTML 313Page - ATMEL Corporation AT90PWM3 Datasheet HTML 314Page - ATMEL Corporation AT90PWM3 Datasheet HTML 315Page - ATMEL Corporation AT90PWM3 Datasheet HTML 316Page - ATMEL Corporation AT90PWM3 Datasheet HTML 317Page - ATMEL Corporation AT90PWM3 Datasheet HTML 318Page - ATMEL Corporation AT90PWM3 Datasheet HTML 319Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 361 page
background image
315
4317J–AVR–08/10
AT90PWM2/3/2B/3B
= 3.0V and F = 1MHz. The total current consumption in idle mode with USART, TIMER1, and
SPI enabled, gives:
27.2.1.3
Example 3
All I/O modules should be enabled. Calculate the expected current consumption in active mode
at V
CC = 3.6V and F = 10MHz. We find the active current consumption without the I/O modules
to be ~ 7.0mA (from Figure 27-2). Then, by using the numbers from Table 27-2 - second column,
we find the total current consumption:
27.3
Power-Down Supply Current
Figure 27-9. Power-Down Supply Current vs. V
CC (Watchdog Timer Disabled)
ICCtotal
0.6
mA
1
0.156
0.085
0.053
+++
()
•
0.77
mA
≈≈
CCtotal
7.0
mA
1
0.1
0.1
0.1
0.085
0.043
0.053
0.156
0.105
+
+
+
++++
+
()
•
12.2
mA
≈≈
POWER-DOWN SUPPLY CURRENT vs. VCC
WATCHDOG TIMER DISABLED
105 °C
85 °C
25 °C
-40 °C
0
1
2
3
4
5
6
7
22,533,544,5
5
5,5
V
CC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com