Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC2441AEVB Datasheet HTML 1Page - Semtech Corporation SC2441AEVB Datasheet HTML 2Page - Semtech Corporation SC2441AEVB Datasheet HTML 3Page - Semtech Corporation SC2441AEVB Datasheet HTML 4Page - Semtech Corporation SC2441AEVB Datasheet HTML 5Page - Semtech Corporation SC2441AEVB Datasheet HTML 6Page - Semtech Corporation SC2441AEVB Datasheet HTML 7Page - Semtech Corporation SC2441AEVB Datasheet HTML 8Page - Semtech Corporation SC2441AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Pin Configurations
Ordering Information
e
c
i
v
e
De
g
a
k
c
a
P
e
r
u
t
a
r
e
p
m
e
T
T
(
e
g
n
a
R
A)
T
R
T
E
T
A
1
4
4
2
C
S
)
2
,
1
(
P
D
E
-
8
2
-
P
O
S
S
TC
°
5
8
o
t
0
4
-
B
V
E
A
1
4
4
2
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices for the TSSOP-28-EDP
package.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
1
2
3
4
5
6
7
8
CKOUT
IN
27
28
15
16
SW3
PLLF
PGND2
SS1/EN1
BST1
CS1+
PGND1
CS1-
GDH1
SYNC/SHDN
GDL1
FB3
VCC
COMP3
9
10
22
GDL2
GND
GDH2
ROSC
21
18
17
19
20
11
12
24
BST2
FB1
SS2/EN2
COMP1
23
25
26
13
14
CS2+
COMP2
CS2-
FB2
TSSOP-28 EDP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com