Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441AEVB Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 19Page - Semtech Corporation SC2441AEVB Datasheet HTML 20Page - Semtech Corporation SC2441AEVB Datasheet HTML 21Page - Semtech Corporation SC2441AEVB Datasheet HTML 22Page - Semtech Corporation SC2441AEVB Datasheet HTML 23Page - Semtech Corporation SC2441AEVB Datasheet HTML 24Page - Semtech Corporation SC2441AEVB Datasheet HTML 25Page - Semtech Corporation SC2441AEVB Datasheet HTML 26Page - Semtech Corporation SC2441AEVB Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
23
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Loop Compensation for the Step-Up Converter
A simple small signal model for current-mode boost
converter in continuous-conduction mode is shown in
Figure 10.
Figure 10. Small signal model of Boost converter.
In Figure 10, C
o3 and Resr3 are the capacitance and the
ESR of the output capacitor, g
m3 is the error amplifier
transconductance and k
3 is the current loop gain. If one
specifies the loop crossover frequency f
c,
the
compensation component values are readily calculated
as
,
R
5
.
0
R
R
f
2
1
|
f
f
1
|
2
R
)
D
1
(
k
g
h
C
3
o
3
esr
3
esr
c
1
z
c
3
o
3
3
3
m
3
4
+
p
-
-
=
)
2
R
R
(
C
C
1
R
3
o
3
esr
3
o
4
4
+
=
and
3
o
3
esr
4
5
R
R
2
C
C
=
.
L
2
R
)
D
1
(
f
3
3
o
2
3
1
z
p
-
=
b
a
b
3
R
R
R
h
+
=
Soft-Starting the Step-Down Controllers
The soft-start of the two step-down converters are
independently controlled through SS1 pin and SS2 pin.
As lillustrated in Figure 4, if V
CC is below 4.5V, Q1 will be
on, keeping C
SS discharged. When FAULT goes low, Q1 is
turned off, C
SS gets charged via RSS from VCC. Values of
R
SS and CSS set different start-up times.
As shown in Figure 4, if the output falls below 70% of its
setpoint, the Css will be discharged with a 10
µA current
sink. R
SS must be large enough to allow the soft-start
capacitor to be discharged below 0.5V. Soft-start process
should be long enough to allow the output to reach 70%
of its final value before hiccup is armed.
Coincident Soft-Start
The step-down controllers can be made to start
coincidently. The method is shown in Figure 11.
SS1/EN1
SC2441A
3
SS2/EN2
17
R
SS1
C
SS1
R
SS2
C
SS2
V
CC
V
CC
D
1
D
2
C
SS
Figure 11. Coincident Soft-Start for Step-Down
Converters
The capacitance of C
SS
, as shown above, should be more
than 3 times of the capacitance of the C
SS1
and C
SS2
.
Applications Information
b
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com