Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441AEVB Datasheet(PDF) 30 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 26Page - Semtech Corporation SC2441AEVB Datasheet HTML 27Page - Semtech Corporation SC2441AEVB Datasheet HTML 28Page - Semtech Corporation SC2441AEVB Datasheet HTML 29Page - Semtech Corporation SC2441AEVB Datasheet HTML 30Page - Semtech Corporation SC2441AEVB Datasheet HTML 31Page - Semtech Corporation SC2441AEVB Datasheet HTML 32Page - Semtech Corporation SC2441AEVB Datasheet HTML 33Page - Semtech Corporation SC2441AEVB Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
30
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
The losses in power MOSFET’s consist of
a) conduction loss due to the channel resistance R
ds(on),
b) switching loss due to the switch rise time t
r and fall
time t
f and
c) the gate loss due to the gate resistance R
G.
Top Switch:
The RMS value of the top switch current is
.
)
1
(
D
I
I
12
o
rms
,
1
Q
2
d
+
=
Its conduction loss is then
P
tc = IQ1,rms
2
R
ds(on).
R
ds(on) varies with temperature and gate-source voltage.
Curves showing R
ds(on) variations can be found in
manufacturers’ data sheet. From the Si7882DP
datasheet, R
ds(on) is less than 4.5mOhm when Vgs is greater
than 5V. However R
ds(on) increases by nearly 40% as the
junction temperature increases from 25°C to 125°C.
The switching losses can be estimated using the simple
formula
.
f
V
I)
1
)(
t
t
(
P
s
in
o
2
f
r
2
1
ts
d
+
+
=
where t
r is the rise time and tf is the fall time of the
switching process. To clarify these, we sketch the typical
MOSFET switching characteristics under clamped
inductive mode in Figure 21.
Figure 21. MOSFET switching characteristics
Applications Information
If D
1>0.5 and D2 > 0.5, then
.
I)
D
1
(
I)
D
1
(
)
I
I
)(
1
D
D
(
I
2
2
o
1
2
1
o
2
2
2
o
1
o
2
1
Cin
-
+
-
+
+
-
+
»
Power MOSFET Selection and Gate Drive
Main considerations in selecting the MOSFET’s are power
dissipation, cost and packaging. Switching losses and
conduction losses of the MOSFET’s are directly related
to the total gate charge (C
g) and channel on-resistance
(R
ds(on)). In order to judge the performance of MOSFET’s,
the product of the total gate charge and on-resistance is
used as a figure of merit (FOM). Transistors with the same
FOM follow the same curve in Figure 20.
0
5
10
15
20
0
20
40
FOM:100*10^{-12}
FOM:200*10^{-12}
FOM:500*10^{-12}
On-resistance (mOhm)
50
1
Cg 100 Rds
,
()
Cg 200 Rds
,
()
Cg 500 Rds
,
()
20
1
Rds
Figure 20. Figure of merit curves.
The closer the curve is to the origin, the lower is the FOM.
This means lower switching loss or lower conduction loss
or both. It is difficult to find MOSFET’s with both low C
g
and low R
ds(on). Usually a trade-off between Rds(on) and Cg
has to be made.
MOSFET selection also depends on applications. In many
applications, either switching loss or conduction loss
dominates for a particular MOSFET. For synchronous buck
converters with high input to output voltage ratios, the
top MOSFET is hard switched but conducts with very low
duty cycle. The bottom switch conducts at high duty cycle
but switches at near zero voltage. For such applications,
MOSFET’s with low C
g are used for the top switch and
MOSFET’s with low R
ds(on) are used for the bottom switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com