Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441AEVB Datasheet(PDF) 31 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 31 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 27Page - Semtech Corporation SC2441AEVB Datasheet HTML 28Page - Semtech Corporation SC2441AEVB Datasheet HTML 29Page - Semtech Corporation SC2441AEVB Datasheet HTML 30Page - Semtech Corporation SC2441AEVB Datasheet HTML 31Page - Semtech Corporation SC2441AEVB Datasheet HTML 32Page - Semtech Corporation SC2441AEVB Datasheet HTML 33Page - Semtech Corporation SC2441AEVB Datasheet HTML 34Page - Semtech Corporation SC2441AEVB Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
31
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Applications Information
In Figure 21,
Q
gs1 is the gate charge needed to bring the gate-to-source
voltage V
gs to the threshold Vgs_th,
Q
gs2 is the additional gate charge required for the switch
current to reach its full-scale value I
ds
.
and
Q
gd is the charge needed to charge gate-to-drain (Miller)
capacitance when V
ds is falling.
Switching losses occur during the time interval [t
1, t3].
Defining t
r = t3-t1. tr can be approximated as
.
V
V
R
)
Q
Q
(
t
gsp
cc
gt
gd
2
gs
r
-
+
=
where R
gt is the total resistance from the driver supply
rail to the gate of the MOSFET. It includes the gate driver
internal impedance R
gi, external resistance Rge and the
gate resistance R
g within the MOSFET i.e.
R
gt = Rgi+Rge+Rg.
V
gsp is the Miller plateau voltage shown in Figure 21.
Similarly an approximate expression for t
f is
.
gsp
gt
gd
gs2
f
V
)R
Q
(Q
t
+
=
Only a portion of the total losses P
g = QgVccfs is dissipated
in the MOSFET package. Here Q
g is the total gate charge
specified in the datasheet. The power dissipated within
the MOSFET package is
.
f
V
Q
R
R
P
s
cc
g
gt
g
tg =
The total power loss of the top switch is then
P
t = Ptc+Pts+Ptg.
If the input supply of the power converter varies over a
wide range, then it will be necessary to weigh the relative
importance of conduction and switching losses. This is
because conduction loss is inversely proportional to the
input voltage. Switching loss however increases with the
input voltage. The total power loss of MOSFET should be
calculated and compared for high-line and low-line cases.
The worst case is then used for thermal design.
Bottom Switch:
The RMS current in bottom switch can be calculated
.
)
1
)(
D
1
(
I
I
12
o
rms
,
2
Q
2
d
+
-
=
The conduction loss is then
P
bc=IQ2,rms
2
R
ds(on),
where R
ds(on) is the channel resistance of bottom MOSFET.
If the input voltage to output voltage ratio is high (e.g.
V
in=12V, Vo=1.5V), the duty ratio D will be small. Since
the bottom switch conducts with duty ratio (1-D), the
corresponding conduction losses can be quite high.
Due to non-overlapping conduction between the top and
the bottom MOSFET’s, the internal body diode or the
external Schottky diode across the drain and source
terminals always conducts prior to the turn on of the
bottom MOSFET. The bottom MOSFET switches on with
only a diode voltage between its drain and source
terminals. The switching loss
s
d
o
2
f
r
2
1
bs
f
V
I)
1
)(
t
t
(
P
d
+
+
=
is negligible due to near zero-voltage switching.
The gate loss is estimated as
.
f
V
Q
R
R
P
s
cc
g
gt
g
bg =
The total bottom switch loss is then
P
b=Pbc+Pbs+Pbg.
Once the power losses P
loss for the top (Pt) and bottom
(P
b) MOSFET’s are known, thermal and package design
at component and system level should be done to verify
that the maximum die junction temperature (T
j,max, usually
125oC) is not exceeded under the worst-case conditions.
The equivalent thermal impedance from junction to
ambient (
θ
ja) should satisfy
.
P
T
T
loss
max
,
a
max
,j
ja
-
£
q
θ
ja depends on the die to substrate bonding, packaging
material, the thermal contact surface, thermal compound
property, the available effective heat sink area and the
air flow condition (free or forced convection). Actual
temperature measurement of the prototype should be
carried out to verify the thermal design.
Integrated Power MOSFET Drivers
There are four internal MOSFET drivers in a dual-
channel step-down converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com