Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441AEVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 15Page - Semtech Corporation SC2441AEVB Datasheet HTML 16Page - Semtech Corporation SC2441AEVB Datasheet HTML 17Page - Semtech Corporation SC2441AEVB Datasheet HTML 18Page - Semtech Corporation SC2441AEVB Datasheet HTML 19Page - Semtech Corporation SC2441AEVB Datasheet HTML 20Page - Semtech Corporation SC2441AEVB Datasheet HTML 21Page - Semtech Corporation SC2441AEVB Datasheet HTML 22Page - Semtech Corporation SC2441AEVB Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Operation (Cont.)
In closed loop operation, EA1 and EA2 output voltage
vary from 1.2V to 3.5V with the range 1.2V to 1.85V
corresponding to negative peak sense voltages. Both gate
drives are kept off until the COMP voltage exceeds 1.85V
in start up.
The error amplifier of the step-up converter has a 1.25V
reference voltage. Its output voltage excursion is from 0.8V
to 1V in closed-loop operation.
Current-Limit
The 25mV maximum current sense voltage is the cycle-by-
cycle peak current limit of the step-down controller.
Gate Drivers
The SC2441A uses an adaptive non-overlapping control
scheme to switch the upper and the synchronous
MOSFETs. The synchronous MOSFET of each step-down
channel is turned off at the falling-edge of the phase
clock. The control (upper) MOSFET is not turned on until
the synchronous gate drive goes low. The phase inductor
current ramps up. When the sensed inductor current
reaches the threshold determined by the error amplifier
output and ramp compensation, the control MOSFET is
turned off. The synchronous MOSFET is not turned on
until the upper gate drive goes low.
The supply voltage for the upper gate driver is obtained
from a diode-capacitor bootstrap circuit. If the bootstrap
capacitor is charged from V
CC, then the high-side gate drive
voltage will swing from approximately 2V
CC to ground. The
synchronous gate drive swings from V
CC to ground.
Soft-Start and Overload Protection
Figure 4 shows the functional diagram of the soft-start
and overload protection circuit. The soft-start capacitor
C
SS and its charging resistor RSS are tied to the SS/EN pin.
Together they set the soft-start time. Before V
CC rises to
4.5V, the undervoltage lockout circuit discharges C
SS to
ground. After V
CC rises above 4.5V, Q1 turns off and CSS is
slowly charged by R
SS. Comparator C2 and latch L2 first
disable both the upper and lower gate drives. Hysteretic
comparator C
1 resets the latch L1 so that hiccup is disabled
during start up. As mentioned above, there is no PWM
(=TGON) pulse until C
SS is above 1.25V and the
corresponding COMP rises above 1.85V. Once the first
TGON pulse appears, L
2 is reset and both gate drivers of
that channel are enabled.
After C
SS is charged above 3.3V, C1 output goes low.
Hiccup is armed. If the output voltage is less than 70%
of the set value due to improper start up or output
overload, then C
3 will set the overload latch L1. Both gate
drivers of the channel are turned off and the 10
µA
current source discharges C
SS. RSS must be large enough
to ensure full discharge of C
SS down to 0.5V. Soft-start
process should be slow enough to allow the output to
reach 70% of its final value before hiccup is armed. The
overload latch L
1 is reset when the CSS capacitor is
discharged below 0.5V. The 10
µA current source turns
off. C
SS capacitor is recharged by RSS and the converter
undergoes soft-start. If overload persists, the step-down
converters will undergo repetitive shutdown and restart
(hiccup).
If the output is short-circuited, the inductor current will
not increase indefinitely between the times the inductor
current reaching its current limit and shutdown. This is
due to cycle skipping reduces the actual operating
frequency.
Pulling the SS/EN pin below 0.8V with an open-collector
transistor sets the disable latch L
2 and turns off the gate
drives. The SS/EN pin can be used as the enable input for
the controller.
The soft start timing diagram and the hiccup operation
timing diagram are shown in Figures 6a and 6b
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com