Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441AEVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 16Page - Semtech Corporation SC2441AEVB Datasheet HTML 17Page - Semtech Corporation SC2441AEVB Datasheet HTML 18Page - Semtech Corporation SC2441AEVB Datasheet HTML 19Page - Semtech Corporation SC2441AEVB Datasheet HTML 20Page - Semtech Corporation SC2441AEVB Datasheet HTML 21Page - Semtech Corporation SC2441AEVB Datasheet HTML 22Page - Semtech Corporation SC2441AEVB Datasheet HTML 23Page - Semtech Corporation SC2441AEVB Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Operating Frequency (f
s)
The switching frequency in the SC2441A is user-
programmable. The advantages of constant frequency
operation are simple passive component selection and
fast transient response with simple frequency
compensation. Before setting the operating frequency,
the following trade-offs should be considered.
1) passive component sizes
2) converter efficiency
3) EMI
4) Minimum switch on time and
5) Maximum duty ratio
For a given output power, the sizes of the passive
components are inversely proportional to the switching
frequency, whereas MOSFET’s/Diodes switching losses
are proportional to the operating frequency. Other issues
such as heat dissipation, packaging and the cost issues
should be considered. The frequency bands for signal
transmission should be avoided because of EM
interference.
The switching frequency of both step-down controllers is
set with an external resistor from Pin 10 to the signal
ground. The set frequency is inversely proportional to the
resistor value (Figure 7) and can be approximated as:
1.22
SW
OSC
F
101618
R
-
×
=
R
OSC is in KΩ and FSW is in KHz.
The internal oscillator starts to operate once V
IN exceeds
its UVLO threshold. The oscillator output, CLK, (see Figure
2) clocks the step-up converter. The frequency divider
generates two out-of-phase clocks, CLK1 and CLK2, at
a half of CLK frequency. CLK1 and CLK2 clock the step-
down channels. The switching frequency of the step-up
converter is twice those of the step-down controllers. If
both step-down channels are running at 250KHz, then
the boost section will be running at 500KHz.
Applications Information
Rosc vs Single Channel Switching Frequency
10
30
50
70
90
110
130
150
100
300
500
700
900
1100
Switching Frequency (KHz)
Figure 7. R
OSC vs. Step-down Channel Free-running
Frequency
Minimum Switch On Time Limitation
In both step-down controllers, the falling edge of the
clock turns on the top MOSFET. The inductor current
ramps up so does the sensed voltage. After the sensed
voltage crosses a threshold determined by the error
amplifier output, the top MOSFET is turned off. The
propagation delay time from the turn-on of the controlling
FET to its turn-off is the minimum switch on time. The
SC2441A has a minimum on time of about 180ns at
room temperature. This is the shortest on interval of the
controlling FET. The controller either does not turn on
the top MOSFET at all or turns it on for at least 180ns.
For a synchronous step-down converter, the operating
duty cycle is V
O /VIN. So the required on time for the top
MOSFET is V
O/(VINfS). If the frequency is set such that the
required pulse width is less than 180ns, then the
converter will start skipping cycles. Due to minimum on
time limitation, simultaneously operating at very high
R
OSC vs. Step-down Channel Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com