Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 202 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 202 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 198Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 199Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 200Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 201Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 202Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 203Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 204Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 205Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 202
Preliminary
 2010 Microchip Technology Inc.
REGISTER 14-2:
CCPxCON: ENHANCED CCPx CONTROL REGISTER
R/x-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PxM<1:0>
DCxB<1:0>
CCPxM<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Reset
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
PxM<1:0>: Enhanced PWM Output Configuration bits
If CCPxM<3:2> = 00, 01, 10: (Capture/Compare modes)
xx = PxA assigned as Capture/Compare input; PxB, PxC, PxD assigned as port pins
Half-Bridge ECCP Modules(1):
If CCPxM<3:2> = 11: (PWM modes)
0x = Single output; PxA modulated; PxB assigned as port pin
1x = Half-Bridge output; PxA, PxB modulated with dead-band control
Full-Bridge ECCP Modules(1):
If CCPxM<3:2> = 11: (PWM modes)
00 = Single output; PxA modulated; PxB, PxC, PxD assigned as port pins
01 = Full-Bridge output forward; PxD modulated; PxA active; PxB, PxC inactive
10 = Half-Bridge output; PxA, PxB modulated with dead-band control; PxC, PxD assigned as port
pins
11 = Full-Bridge output reverse; PxB modulated; PxC active; PxA, PxD inactive
bit 5-4
DCxB<1:0>: PWM Duty Cycle Least Significant bits
Capture mode:
Unused
Compare mode:
Unused
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPRxL.
Note 1:
See Table 14-1 to determine Full-Bridge and Half-Bridge ECCPs for the device being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com