Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 51Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 52Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 53Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 54Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 55Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 56Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 57Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 58Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 55
PIC18(L)F2X/4XK22
TABLE 3-3:
EXIT DELAY ON WAKE-UP BY RESET FROM SLEEP MODE OR ANY IDLE MODE
(BY CLOCK SOURCES)
Clock Source
before Wake-up
Clock Source
after Wake-up
Exit Delay
Clock Ready Status
Bit (OSCCON)
Primary Device Clock
(PRI_IDLE mode)
LP, XT, HS
TCSD(1)
OSTS
HSPLL
EC, RC
HFINTOSC(2)
IOSF
T1OSC or LFINTOSC(1)
LP, XT, HS
TOST(3)
OSTS
HSPLL
TOST + tPLL(3)
EC, RC
TCSD(1)
HFINTOSC(1)
TIOBST(4)
IOSF
HFINTOSC(2)
LP, XT, HS
TOST(4)
OSTS
HSPLL
TOST + tPLL(3)
EC, RC
TCSD(1)
HFINTOSC(1)
None
IOSF
None
(Sleep mode)
LP, XT, HS
TOST(3)
OSTS
HSPLL
TOST + tPLL(3)
EC, RC
TCSD(1)
HFINTOSC(1)
TIOBST(4)
IOSF
Note 1:
TCSD is a required delay when waking from Sleep and all Idle modes and runs concurrently with any other
required delays (see Section 3.4 “Idle Modes”). On Reset, HFINTOSC defaults to 1 MHz.
2:
Includes both the HFINTOSC 16 MHz source and postscaler derived frequencies.
3:
TOST is the Oscillator Start-up Timer. tPLL is the PLL Lock-out Timer.
4:
Execution continues during the HFINTOSC stabilization period, TIOBST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com