Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 28Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 29Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 30Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 31Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 32Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 33Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 34Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 35Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 32
Preliminary
 2010 Microchip Technology Inc.
REGISTER 2-1:
OSCCON: OSCILLATOR CONTROL REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R-q
R-0
R/W-0
R/W-0
IDLEN
IRCF<2:0>
OSTS(1)
HFIOFS
SCS<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
q = depends on condition
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IDLEN: Idle Enable bit
1 = Device enters Idle mode on SLEEP instruction
0 = Device enters Sleep mode on SLEEP instruction
bit 6-4
IRCF<2:0>: Internal RC Oscillator Frequency Select bits(2)
111 = HFINTOSC – (16 MHz)
110 = HFINTOSC/2 – (8 MHz)
101 = HFINTOSC/4 – (4 MHz)
100 = HFINTOSC/8 – (2 MHz)
011 = HFINTOSC/16 – (1 MHz)(3)
If INTSRC = 0 and MFIOSEL = 0:
010 = HFINTOSC/32 – (500 kHz)
001 = HFINTOSC/64 – (250 kHz)
000 = LFINTOSC – (31.25 kHz)
If INTSRC = 1 and MFIOSEL = 0:
010 = HFINTOSC/32 – (500 kHz)
001 = HFINTOSC/64 – (250 kHz)
000 = HFINTOSC/512 – (31.25 kHz)
If INTSRC = 0 and MFIOSEL = 1:
010 = MFINTOSC – (500 kHz)
001 = MFINTOSC/2 – (250 kHz)
000 = LFINTOSC – (31.25 kHz)
If INTSRC = 1 and MFIOSEL = 1:
010 = MFINTOSC – (500 kHz)
001 = MFINTOSC/2 – (250 kHz)
000 = MFINTOSC/16 – (31.25 kHz)
bit 3
OSTS: Oscillator Start-up Time-out Status bit
1 = Device is running from the clock defined by FOSC<3:0> of the CONFIG1H register
0 = Device is running from the internal oscillator (HFINTOSC, MFINTOSC or LFINTOSC)
bit 2
HFIOFS: HFINTOSC Frequency Stable bit
1 = HFINTOSC frequency is stable
0 = HFINTOSC frequency is not stable
bit 1-0
SCS<1:0>: System Clock Select bit
1x = Internal oscillator block
01 = Secondary (SOSC) oscillator
00 = Primary clock (determined by FOSC<3:0> in CONFIG1H).
Note 1:
Reset state depends on state of the IESO Configuration bit.
2:
INTOSC source may be determined by the INTSRC bit in OSCTUNE and the MFIOSEL bit in OSCCON2.
3:
Default output frequency of HFINTOSC on Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com