Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 29Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 30Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 31Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 32Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 33Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 34Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 35Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 36Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 33
PIC18(L)F2X/4XK22
REGISTER 2-2:
OSCCON2: OSCILLATOR CONTROL REGISTER 2
R-0/0
R-0/q
U-0
R/W-0/0
R/W-0/u
R/W-1/1
R-x/u
R-0/0
PLLRDY
SOSCRUN
—
MFIOSEL
SOSCGO(1)
PRISD
MFIOFS
LFIOFS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
q = depends on condition
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
bit 7
PLLRDY: PLL Run Status bit
1 = System clock comes from 4xPLL
0 = System clock comes from an oscillator, other than 4xPLL
bit 6
SOSCRUN: SOSC Run Status bit
1 = System clock comes from secondary SOSC
0 = System clock comes from an oscillator, other than SOSC
bit 5
Unimplemented: Read as ‘0’.
bit 4
MFIOSEL: MFINTOSC Select bit
1 = MFINTOSC is used in place of HFINTOSC frequencies of 500 kHz, 250 kHz and 31.25 kHz
0 = MFINTOSC is not used
bit 3
SOSCGO(1): Secondary Oscillator Start Control bit
1 = Secondary oscillator is enabled.
0 = Secondary oscillator is shut off if no other sources are requesting it.
bit 2
PRISD: Primary Oscillator Drive Circuit Shutdown bit
1 = Oscillator drive circuit on
0 = Oscillator drive circuit off (zero power)
bit 1
MFIOFS: MFINTOSC Frequency Stable bit
1 = MFINTOSC is stable
0 = MFINTOSC is not stable
bit 0
LFIOFS: LFINTOSC Frequency Stable bit
1 = LFINTOSC is stable
0 = LFINTOSC is not stable
Note 1:
The SOSCGO bit is only reset on a POR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com