Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 82Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 83Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 84Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 85Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 86Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 87Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 88Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 89Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 86
Preliminary
 2010 Microchip Technology Inc.
FA2h
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP
CCP2IP
1111 1111
FA1h
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCL1IF
HLVDIF
TMR3IF
CCP2IF
0000 0000
FA0h
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCL1IE
HLVDIE
TMR3IE
CCP2IE
0000 0000
F9Fh
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
-111 1111
F9Eh
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
-000 0000
F9Dh
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
-000 0000
F9Ch
HLVDCON
VDIRMAG
BGVST
IRVST
HLVDEN
HLVDL<3:0>
0000 0000
F9Bh
OSCTUNE
INTSRC
PLLEN
TUN<5:0>
00xx xxxx
F96h
TRISE
WPUE3
—
—
—
—TRISE2(1)
TRISE1(1)
TRISE0(1)
1--- -111
F95h
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
F94h
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
F93h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
F92h
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
F8Dh
LATE(1)
—
—
—
—
—
LATE2
LATE1
LATE0
---- -xxx
F8Ch
LATD(1)
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
xxxx xxxx
F8Bh
LATC
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
xxxx xxxx
F8Ah
LATB
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
xxxx xxxx
F89h
LATA
LATA7
LATA6
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
xxxx xxxx
F84h
PORTE(2)
—
—
—
—RE3
—
—
—
---- x---
PORTE(1)
—
—
—
—RE3
RE2
RE1
RE0
---- x000
F83h
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
0000 0000
F82h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
0000 00xx
F81h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxx0 0000
F80h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xx0x 0000
F7Fh
IPR5
—
—
—
—
—
TMR6IP
TMR5IP
TMR4IP
---- -111
F7Eh
PIR5
—
—
—
—
—
TMR6IF
TMR5IF
TMR4IF
---- -111
F7Dh
PIE5
—
—
—
—
—
TMR6IE
TMR5IE
TMR4IE
---- -000
F7Ch
IPR4
—
—
—
—
—
CCP5IP
CCP4IP
CCP3IP
---- -000
F7Bh
PIR4
—
—
—
—
—
CCP5IF
CCP4IF
CCP3IF
---- -000
F7Ah
PIE4
—
—
—
—
—
CCP5IE
CCP4IE
CCP3IE
---- -000
F79h
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1SP
C1R
C1CH<1:0>
0000 1000
F78h
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2SP
C2R
C2CH<1:0>
0000 1000
F77h
CM2CON1
MC1OUT
MC2OUT
C1RSEL
C2RSEL
C1HYS
C2HYS
C1SYNC
C2SYNC
0000 0000
F76h
SPBRGH2
EUSART2 Baud Rate Generator, High Byte
0000 0000
F75h
SPBRG2
EUSART2 Baud Rate Generator, Low Byte
0000 0000
F74h
RCREG2
EUSART2 Receive Register
0000 0000
F73h
TXREG2
EUSART2 Transmit Register
0000 0000
F72h
TXSTA2
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
F71h
RCSTA2
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
F70h
BAUDCON2
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
01x0 0-00
F6Fh
SSP2BUF
SSP2 Receive Buffer/Transmit Register
xxxx xxxx
F6Eh
SSP2ADD
SSP2 Address Register in I2C Slave Mode. SSP2 Baud Rate Reload Register in I2C Master Mode
0000 0000
F6Dh
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
F6Ch
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000
F6Bh
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
F6Ah
SSP2MSK
SSP1 MASK Register bits
1111 1111
F69h
SSP2CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000
TABLE 5-2:
REGISTER FILE SUMMARY FOR PIC18(L)F2X/4XK22 DEVICES
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
PIC18(L)F4XK22 devices only.
2:
PIC18(L)F2XK22 devices only.
3:
PIC18(L)F23/24K22 and PIC18(L)F43/44K22 devices only.
4:
PIC18(L)F26K22 and PIC18(L)F46K22 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com