Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 23Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 24Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 25Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 26Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 27Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 28Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 29Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 30Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 27
PIC18(L)F2X/4XK22
2.0
OSCILLATOR MODULE (WITH
FAIL-SAFE CLOCK MONITOR)
2.1
Overview
The oscillator module has a wide variety of clock
sources and selection features that allow it to be used
in a wide range of applications while maximizing perfor-
mance and minimizing power consumption. Figure 2-1
illustrates a block diagram of the oscillator module.
Clock sources can be configured from external
oscillators, quartz crystal resonators, ceramic resonators
and Resistor-Capacitor (RC) circuits. In addition, the
system clock source can be configured from one of three
internal oscillators, with a choice of speeds selectable via
software. Additional clock features include:
• Selectable system clock source between external
or internal sources via software.
• Two-Speed Start-up mode, which minimizes
latency between external oscillator start-up and
code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch
automatically to the internal oscillator.
• Oscillator Start-up Timer (OST) ensures stability
of crystal oscillator sources.
The primary clock module can be configured to provide
one of six clock sources as the primary clock.
1.
RC
External Resistor/Capacitor
2.
LP
Low-Power Crystal
3.
XT
Crystal/Resonator
4.
INTOSC
Internal Oscillator
5.
HS
High-Speed Crystal/Resonator
6.
EC
External Clock
The HS and EC oscillator circuits can be optimized for
power consumption and oscillator speed using settings
in FOSC<3:0>. Additional FOSC<3:0> selections
enable RA6 to be used as I/O or CLKO (FOSC/4) for
RC, EC and INTOSC Oscillator modes.
Primary Clock modes are selectable
by the
FOSC<3:0> bits of the CONFIG1H Configuration
register. The primary clock operation is further defined
by these Configuration and register bits:
1.
PRICLKEN (CONFIG1H<5>)
2.
PRISD (OSCCON2<2>)
3.
PLLCFG (CONFIG1H<4>)
4.
PLLEN (OSCTUNE<6>)
5.
HFOFST (CONFIG3H<3>)
6.
IRCF<2:0> (OSCCON<6:4>)
7.
MFIOSEL (OSCCON2<4>)
8.
INTSRC (OSCTUNE<7>)
The HFINTOSC, MFINTOSC and LFINTOSC are
factory calibrated high, medium and low-frequency
oscillators, respectively, which are used as the internal
clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com