Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 18Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 19Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 20Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 21Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 22Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 23Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 24Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 25Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 22
Preliminary
 2010 Microchip Technology Inc.
724
24
22
RA5/C2OUT/SRNQ/SS1/HLVDIN/AN4
RA5
I/O
TTL
Digital I/O.
C2OUT
O
CMOS Comparator C2 output.
SRNQ
O
TTL
SR Latch Q output.
SS1
I
TTL
SPI slave select input (MSSP1).
HLVDIN
I
Analog High/Low-Voltage Detect input.
AN4
I
Analog Analog input 4.
14
31
33
29
RA6/CLKO/OSC2
RA6
I/O
TTL
Digital I/O.
CLKO
O
—
In RC mode, OSC2 pin outputs CLKOUT which
has 1/4 the frequency of OSC1 and denotes the
instruction cycle rate.
OSC2
O
—
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
13
30
32
28
RA7/CLKI/OSC1
RA7
I/O
TTL
Digital I/O.
CLKI
I
CMOS External clock source input. Always associated
with pin function OSC1.
OSC1
I
ST
Oscillator crystal input or external clock source
input ST buffer when configured in RC mode;
CMOS otherwise.
33
8
9
8
RB0/INT0/FLT0/SRI/AN12
RB0
I/O
TTL
Digital I/O.
INT0
I
ST
External interrupt 0.
FLT0
I
ST
PWM Fault input for ECCP Auto-Shutdown.
SRI
I
ST
SR Latch input.
AN12
I
Analog Analog input 12.
34
9
10
9
RB1/INT1/C12IN3-/AN10
RB1
I/O
TTL
Digital I/O.
INT1
I
ST
External interrupt 1.
C12IN3-
I
Analog Comparators C1 and C2 inverting input.
AN10
I
Analog Analog input 10.
35
10
11
10
RB2/INT2/CTED1/AN8
RB2
I/O
TTL
Digital I/O.
INT2
I
ST
External interrupt 2.
CTED1
I
ST
CTMU Edge 1 input.
AN8
I
Analog Analog input 8.
36
11
12
11
RB3/CTED2/P2A/CCP2/C12IN2-/AN9
RB3
I/O
TTL
Digital I/O.
CTED2
I
ST
CTMU Edge 2 input.
P2A(2)
O
CMOS Enhanced CCP2 PWM output.
CCP2(2)
I/O
ST
Capture 2 input/Compare 2 output/PWM 2 output.
C12IN2-
I
Analog Comparators C1 and C2 inverting input.
AN9
I
Analog Analog input 9.
TABLE 1-3:
PIC18(L)F4XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP
TQFP
QFN
UQFN
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note
1: Default pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX, CCP3MX
and CCP2MX are set.
2: Alternate pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX,
CCP3MX and CCP2MX are clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com