Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 214 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 214 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 210Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 211Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 212Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 213Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 214Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 215Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 216Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 217Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 214
Preliminary
 2010 Microchip Technology Inc.
15.2.4
SPI SLAVE MODE
In Slave mode, the data is transmitted and received as
external clock pulses appear on SCKx. When the last
bit is latched, the SSPxIF interrupt flag bit is set.
Before enabling the module in SPI Slave mode, the clock
line must match the proper Idle state. The clock line can
be observed by reading the SCKx pin. The Idle state is
determined by the CKP bit of the SSPxCON1 register.
While in Slave mode, the external clock is supplied by
the external clock source on the SCKx pin. This exter-
nal clock must meet the minimum high and low times
as specified in the electrical specifications.
While in Sleep mode, the slave can transmit/receive
data. The shift register is clocked from the SCKx pin
input and when a byte is received, the device will gen-
erate an interrupt. If enabled, the device will wake-up
from Sleep.
15.2.4.1
Daisy-Chain Configuration
The SPI bus can sometimes be connected in a daisy-
chain configuration. The first slave output is connected
to the second slave input, the second slave output is
connected to the third slave input, and so on. The final
slave output is connected to the master input. Each
slave sends out, during a second group of clock
pulses, an exact copy of what was received during the
first group of clock pulses. The whole chain acts as
one large communication shift register. The daisy-
chain feature only requires a single Slave Select line
from the master device.
Figure 15-7 shows the block diagram of a typical
daisy-chain connection when operating in SPI Mode.
In a daisy-chain configuration, only the most recent
byte on the bus is required by the slave. Setting the
BOEN bit of the SSPxCON3 register will enable writes
to the SSPxBUF register, even if the previous byte has
not been read. This allows the software to ignore data
that may not apply to it.
15.2.5
SLAVE SELECT
SYNCHRONIZATION
The Slave Select can also be used to synchronize
communication. The Slave Select line is held high until
the master device is ready to communicate. When the
Slave Select line is pulled low, the slave knows that a
new transmission is starting.
If the slave fails to receive the communication properly,
it will be reset at the end of the transmission, when the
Slave Select line returns to a high state. The slave is
then ready to receive a new transmission when the
Slave Select line is pulled low again. If the Slave Select
line is not used, there is a risk that the slave will even-
tually become out of sync with the master. If the slave
misses a bit, it will always be one bit off in future trans-
missions. Use of the Slave Select line allows the slave
and master to align themselves at the beginning of
each transmission.
The SSx pin allows a Synchronous Slave mode. The
SPI must be in Slave mode with SSx pin control
enabled (SSPxCON1<3:0> = 0100).
When the SSx pin is low, transmission and reception
are enabled and the SDOx pin is driven.
When the SSx pin goes high, the SDOx pin is no longer
driven, even if in the middle of a transmitted byte and
becomes a floating output. External pull-up/pull-down
resistors may be desirable depending on the applica-
tion.
When the SPI module resets, the bit counter is forced
to ‘0’. This can be done by either forcing the SSx pin to
a high level or clearing the SSPxEN bit.
Note 1: When the SPI is in Slave mode with SSx
pin control enabled (SSPxCON1<3:0> =
0100), the SPI module will reset if the SSx
pin is set to VDD.
2: When the SPI is used in Slave mode with
CKE set; the user must enable SSx pin
control.
3: While operated in SPI Slave mode the
SMP bit of the SSPxSTAT register must
remain clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com