Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 253 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 253 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 249Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 250Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 251Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 252Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 253Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 254Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 255Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 256Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 253
PIC18(L)F2X/4XK22
TABLE 15-3:
REGISTERS ASSOCIATED WITH I2C™ OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
152
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1(1)
ANSB0(1)
153
ANSELC
ANSC7
ANSC6
ANSC5
ANSC4
ANSC3
ANSC2
—
—
153
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1(2)
ANSD0(2)
153
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP
CCP2IP
128
IPR3
SSP2IP
BCL2IP
RC2IP
TX2IP
CTMUIP
TMR5GIP
TMR3GIP
TMR1GIP
129
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCL1IE
HLVDIE
TMR3IE
CCP2IE
124
PIE3
SSP2IE
BCL2IE
RC2IE
TX2IE
CTMUIE
TMR5GIE
TMR3GIE
TMR1GIE
125
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCL1IF
HLVDIF
TMR3IF
CCP2IF
119
PIR3
SSP2IF
BCL2IF
RC2IF
TX2IF
CTMUIF
TMR5GIF
TMR3GIF
TMR1GIF
120
PMD1
MSSP2MD
MSSP1MD
—
CCP5MD CCP4MD CCP3MD
CCP2MD
CCP1MD
57
SSP1ADD
SSP1 Address Register in I2C Slave Mode. SSP1 Baud Rate Reload Register in I2C Master Mode.
261
SSP1BUF
SSP1 Receive Buffer/Transmit Register
—
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
256
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
258
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
259
SSP1MSK
SSP1 MASK Register bits
260
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
255
SSP2ADD
SSP2 Address Register in I2C Slave Mode. SSP2 Baud Rate Reload Register in I2C Master Mode.
261
SSP2BUF
SSP2 Receive Buffer/Transmit Register
—
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
256
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
258
SSP2CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
259
SSP2MSK
SSP1 MASK Register bits
260
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
255
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1(1)
TRISB0(1)
154
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
154
TRISD
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1(2)
TRISD0(2)
154
Legend:
Shaded bits are not used by the MSSPx in I2C mode.
Note 1:
PIC18(L)F2XK22 devices.
2:
PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com