Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 304 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 304 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 300Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 301Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 302Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 303Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 304Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 305Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 306Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 307Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 304
Preliminary
 2010 Microchip Technology Inc.
TABLE 17-3:
CONFIGURATION REGISTERS ASSOCIATED WITH THE ADC MODULE
TABLE 17-2:
REGISTERS ASSOCIATED WITH A/D OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
298
ADCON1
TRIGSEL
—
—
—
PVCFG<1:0>
NVCFG<1:0>
299
ADCON2
ADFM
—
ACQT<2:0>
ADCS<2:0>
300
ADRESH
A/D Result, High Byte
301
ADRESL
A/D Result, Low Byte
301
ANSELA
—
—ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
152
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
153
ANSELC
ANSC7
ANSC6
ANSC5
ANSC4
ANSC3
ANSC2
—
—153
ANSELD(1)
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
153
ANSELE(1)
—
—
—
—
—
ANSE2
ANSE1
ANSE0
154
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
201
CTMUCONH
CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN
IDISSEN
CTTRIG
329
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR3
SSP2IP
BCL2IP
RC2IP
TX2IP
CTMUIP
TMR5GIP
TMR3GIP
TMR1GIP
129
IPR4
—
—
—
—
—
CCP5IP
CCP4IP
CCP3IP
130
PIE1
—ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
PIE3
SSP2IE
BCL2IE
RC2IE
TX2IE
CTMUIE
TMR5GIE
TMR3GIE
TMR1GIE
125
PIE4
—
—
—
—
—
CCP5IE
CCP4IE
CCP3IE
126
PIR1
—ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR3
SSP2IF
BCL2IF
RC2IF
TX2IF
CTMUIF
TMR5GIF
TMR3GIF
TMR1GIF
120
PIR4
—
—
—
—
—CCP5IF
CCP4IF
CCP3IF
121
PMD1
MSSP2MD MSSP1MD
—
CCP5MD
CCP4MD
CCP3MD
CCP2MD
CCP1MD
57
PMD2
—
—
—
—CTMUMD
CMP2MD
CMP1MD
ADCMD
58
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
154
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
154
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
154
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
154
TRISE
WPUE3
—
—
—
—
TRISE2(1)
TRISE1(1)
TRISE0(1)
154
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used by this module.
Note 1:
Available on PIC18(L)F4XK22 devices.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONFIG3H
MCLRE
—
P2BMX
T3CMX
HFOFST
CCP3MX
PBADEN
CCP2MX
354
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used by the ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com