Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 313 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 313 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 309Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 310Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 311Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 312Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 313Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 314Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 315Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 316Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 313
PIC18(L)F2X/4XK22
18.8
Additional Comparator Features
There are four additional comparator features:
• Simultaneous read of comparator outputs
• Internal reference selection
• Hysteresis selection
• Output Synchronization
18.8.1
SIMULTANEOUS COMPARATOR
OUTPUT READ
The MC1OUT and MC2OUT bits of the CM2CON1
register are mirror copies of both comparator outputs.
The ability to read both outputs simultaneously from a
single register eliminates the timing skew of reading
separate registers.
18.8.2
INTERNAL REFERENCE
SELECTION
There are two internal voltage references available to
the non-inverting input of each comparator. One of
these is the Fixed Voltage Reference (FVR) and the
other is the variable Digital-to-Analog Converter (DAC).
The CxRSEL bit of the CM2CON1 register determines
which of these references is routed to the Comparator
Voltage reference output (CXVREF). Further routing to
the comparator is accomplished by the CxR bit of the
CMxCON0 register. See Section 21.0 “Fixed Voltage
Reference (FVR)” and Figure 18-2 for more detail.
18.8.3
COMPARATOR HYSTERESIS
Each Comparator has a selectable hysteresis feature.
The hysteresis can be enabled by setting the CxHYS
bit of the CM2CON1 register. See Section 27.0 “Elec-
trical Characteristics” for more details.
18.8.4
SYNCHRONIZING COMPARATOR
OUTPUT TO TIMER1
The Comparator Cx output can be synchronized with
Timer1 by setting the CxSYNC bit of the CM2CON1
register. When enabled, the Cx output is latched on
the falling edge of the Timer1 source clock. To prevent
a race condition when gating Timer1 clock with the
comparator output, Timer1 increments on the rising
edge of its clock source, and the falling edge latches
the comparator output. See the Comparator Block
Diagram (Figure 18-2) and the Timer1 Block Diagram
(Figure 12-1) for more information.
Note 1: Obtaining the status of C1OUT or C2OUT
by reading CM2CON1 does not affect the
comparator interrupt mismatch registers.
Note 1: The comparator synchronized output
should not be used to gate the external
Timer1
clock
when
the
Timer1
synchronizer is enabled.
2: The Timer1 prescale should be set to 1:1
when synchronizing the comparator
output as unexpected results may occur
with other prescale values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com