Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 331 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 331 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 327Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 328Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 329Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 330Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 331Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 332Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 333Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 334Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 331
PIC18(L)F2X/4XK22
REGISTER 19-3:
CTMUICON: CTMU CURRENT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ITRIM<5:0>
IRNG<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
ITRIM<5:0>: Current Source Trim bits
011111 = Maximum positive change from nominal current
011110
.
.
.
000001 = Minimum positive change from nominal current
000000 = Nominal current output specified by IRNG<1:0>
111111 = Minimum negative change from nominal current
.
.
.
100010
100001 = Maximum negative change from nominal current
bit 1-0
IRNG<1:0>: Current Source Range Select bits
11 = 100  Base current
10 = 10  Base current
01 = Base current level (0.55 A nominal)
00 = Current source disabled
TABLE 19-1:
REGISTERS ASSOCIATED WITH CTMU MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page
CTMUCONH
CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN
IDISSEN
CTTRIG
329
CTMUCONL
EDG2POL
EDG2SEL<1:0>
EDG1POL
EDG1SEL<1:0>
EDG2STAT
EDG1STAT
330
CTMUICON
ITRIM<5:0>
IRNG<1:0>
331
IPR3
SSP2IP
BCL2IP
RC2IP
TX2IP
CTMUIP
TMR5GIP
TMR3GIP
TMR1GIP
129
PIE3
SSP2IE
BCL2IE
RC2IE
TX2IE
CTMUIE
TMR5GIE
TMR3GIE
TMR1GIE
125
PIR3
SSP2IF
BCL2IF
RC2IF
TX2IF
CTMUIF
TMR5GIF
TMR3GIF
TMR1GIF
120
PMD2
—
—
—
—
CTMUMD
CMP2MD
CMP1MD
ADCMD
58
Legend:
— = unimplemented, read as ‘0’. Shaded bits are not used during CTMU operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com