Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 431 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 431 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 427Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 428Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 429Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 430Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 431Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 432Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 433Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 434Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 435Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 431
PIC18(L)F2X/4XK22
27.5
DC Characteristics: Primary Run Supply Current, PIC18(L)F2X/4XK22
PIC18LF2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
PIC18F2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Device Characteristics
Typ
Max Units
Conditions
D070
Supply Current (IDD)(1),(2)
0.07
0.14
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 1 MHz
(PRI_RUN,
EC oscillator)
D071
0.12
0.25
mA
-40°C to +125°C
VDD = 3.0V
D072
0.08
0.20
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 1 MHz
(PRI_RUN,
EC oscillator)
D073
0.13
0.25
mA
-40°C to +125°C
VDD = 3.0V
D074
0.15
0.30
mA
-40°C to +125°C
VDD = 5.0V
D075
1.2
2.0
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 20 MHz
(PRI_RUN,
EC oscillator)
D076
2.2
3.8
mA
-40°C to +125°C
VDD = 3.0V
D077
1.4
2.5
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 20 MHz
(PRI_RUN,
EC oscillator)
D078
2.4
4.0
mA
-40°C to +125°C
VDD = 3.0V
D079
2.7
4.5
mA
-40°C to +125°C
VDD = 5.0V
D080
6.5
11
mA
-40°C to +125°C
VDD = 3.0V
FOSC = 64 MHz
(PRI_RUN,
EC oscillator)
D081
6.8
11
mA
-40°C to +125°C
VDD = 3.0V
FOSC = 64 MHz
(PRI_RUN,
EC oscillator)
D082
7.5
13
mA
-40°C to +125°C
VDD = 5.0V
D083
1.0
1.7
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 4 MHz
16 MHz Internal
(PRI_RUN, EC +
PLL)
D084
1.8
3.2
mA
-40°C to +125°C
VDD = 3.0V
D085
1.0
1.8
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 4 MHz
16 MHz Internal
(PRI_RUN, EC +
PLL)
D086
1.9
3.5
mA
-40°C to +125°C
VDD = 3.0V
D087
2.2
4.0
mA
-40°C to +125°C
VDD = 5.0V
D088
6.5
10
mA
-40°C to +125°C
VDD = 3.0V
FOSC = 16 MHz
64 MHz Internal
(PRI_RUN, EC +
PLL)
Note 1:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as
I/O pin loading and switching rate, oscillator type and circuit, internal code execution pattern and temper-
ature, also have an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
2:
The test conditions for all IDD measurements in active operation mode are:
All I/O pins set as outputs driven to VSS;
MCLR = VDD;
OSC1 = external square wave, from rail-to-rail (PRI_RUN and PRI-IDLE only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com