Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 464 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 464 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 460Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 461Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 462Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 463Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 464Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 465Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 466Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 467Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 468Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 464
Preliminary
 2010 Microchip Technology Inc.
Package Marking Information (Continued)
44-Lead TQFP (10mm x 10mm)
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
PIC18
-E/PT
0810017
XXXXXXXXXX
44-Lead QFN (8mm x 8mm)
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
PIC18
Example
-E/ML
0810017
3
e
3
e
40-Lead PDIP (600 mil)
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F45K22-E/P
0810017
3
e
XXXXX
28-Lead UQFN (4mm x 4mm)
XXXXXX
XXXXXX
YWWNNN
PIC18
F23K22
Example
-E/MV
810017
3
e
XXXXXXX
40-Lead UQFN (5mm x 5mm)
XXXXXXX
XXXXXXX
YYWWNNN
PIC18
Example
-I/MV
0810017
3
e
F45K22
K22
K22
F45
F44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com